Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24296 Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ24296
Description  bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24296 Datasheet(HTML) 3 Page - Texas Instruments

  BQ24296_15 Datasheet HTML 1Page - Texas Instruments BQ24296_15 Datasheet HTML 2Page - Texas Instruments BQ24296_15 Datasheet HTML 3Page - Texas Instruments BQ24296_15 Datasheet HTML 4Page - Texas Instruments BQ24296_15 Datasheet HTML 5Page - Texas Instruments BQ24296_15 Datasheet HTML 6Page - Texas Instruments BQ24296_15 Datasheet HTML 7Page - Texas Instruments BQ24296_15 Datasheet HTML 8Page - Texas Instruments BQ24296_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 55 page
background image
bq24296, bq24297
www.ti.com
SLUSBP6B – SEPTEMBER 2013 – REVISED NOVEMBER 2014
5 Description (Continued)
Its low impedance power path optimizes switch-mode operation efficiency, reduces battery charge time and
extends battery life during discharging phase. The I2C serial interface with charging and system settings makes
the device a truly flexible solution.
The device supports 3.9-V to 6.2-V USB input sources, including standard USB host port and USB charging port
with 6.4-V over-voltage protection. The device is compliant with USB 2.0 and USB 3.0 power specifications with
input current and voltage regulation. To set the default input current limit, the bq24296 takes the result from the
detection circuit in the system, such as USB PHY device and the bq24297 detects the input source through
D+/D- detection following the USB battery charging spec 1.2. In addition, the bq24297 detects non-standard 2-
A/1-A adapters. The device also supports USB On-the-Go operation by providing fast startup and supplying
adjustable voltage 4.55-V to 5.5-V (default 5 V) on the VBUS with an accurate current limit up to 1.5 A.
The power path management regulates the system slightly above battery voltage but does not drop below 3.5-V
minimum system voltage (programmable). With this feature, the system keeps operating even when the battery
is completely depleted or removed. When the input source current or voltage limit is reached, the power path
management automatically reduces the charge current to zero and then starts discharges the battery until the
system power requirement is met. This supplement mode operation keeps the input source from getting
overloaded.
The device initiates and completes a charging cycle when host control is not available. It automatically charges
the battery in three phases: pre-conditioning, constant current, and constant voltage. In the end, the charger
automatically terminates when the charge current is below a preset limit in the constant voltage phase. Later on,
when the battery voltage falls below the recharge threshold, the charger automatically starts another charging
cycle.
The charge device provides various safety features for battery charging and system operation, including negative
thermistor monitoring, charging safety timer, and over-voltage/over-current protections. The thermal regulation
reduces charge current when the junction temperature exceeds 120°C (programmable).
The STAT output reports the charging status and any fault conditions. The INT immediately notifies the host
when a fault occurs.
The bq24296 and bq24297 are available in a 24-pin, 4.00 x 4.00 mm2 thin VQFN package.
6
Device Comparison Table
bq24296
bq24297
I2C Address
6BH
6BH
USB OTG
Yes
Yes
Adjustable 4.5 V to 5.5 V at 1.5 A (max)
Adjustable 4.5 V to 5.5 V at 1.5 A (max)
USB Detection
PSEL
D+/D–
Default Battery Voltage
4.208 V
4.208 V
Default Charge Current
2.048 A
2.048 A
Default Adapter Current Limit
3 A
3 A
Default Pre-Charge Current / Max Pre-
256 mA / 2.048 A
256 mA / 2.048 A
Charge Current
Default Termination Current
256 mA
256 mA
Charging Temperature Profile
Cold/Hot
Cold/Hot
Status Output
STAT, PG
STAT
STAT During Fault
Blinking at 1 Hz
Blinking at 1 Hz
Default Safety Timer
12 hr
12 hr
Default VINDPM
4.36 V
4.36 V
Default Pre-charge Timer
4 hr
4 hr
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: bq24296 bq24297


Similar Part No. - BQ24296_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24296M TI1-BQ24296M Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296MRGER TI1-BQ24296MRGER Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296MRGET TI1-BQ24296MRGET Datasheet
1Mb / 51P
[Old version datasheet]   Controlled 3A Single Cell USB Charger
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296RGER TI1-BQ24296RGER Datasheet
1Mb / 48P
[Old version datasheet]   I2C Controlled 3A Single Cell USB Charger With Narrow VDC
More results

Similar Description - BQ24296_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24297 TI-BQ24297_15 Datasheet
1Mb / 55P
[Old version datasheet]   bq2429x I2C Controlled 3-A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24298 TI-BQ24298_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24298 I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24296M TI-BQ24296M_15 Datasheet
1Mb / 51P
[Old version datasheet]   bq24296M I2C Controlled 3A Single Cell USB Charger With Narrow VDC Power Path Management and Adjustable Voltage USB OTG
BQ24190 TI1-BQ24190_17 Datasheet
2Mb / 52P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24193 TI1-BQ24193_17 Datasheet
2Mb / 49P
[Old version datasheet]   I2C Controlled 4.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196 Datasheet
2Mb / 41P
[Old version datasheet]   I2C Controlled 2.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24196 TI1-BQ24196_17 Datasheet
2Mb / 50P
[Old version datasheet]   I2C Controlled 2.5-A Single Cell USB/Adapter Charger with Narrow VDC Power Path Management and USB OTG
BQ24292I TI-BQ24292I Datasheet
2Mb / 42P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
BQ24190 TI1-BQ24190 Datasheet
267Kb / 8P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adaptor Charger With Narrow VDC Power Path Management and USB OTG
BQ24192 TI1-BQ24192 Datasheet
2Mb / 46P
[Old version datasheet]   I2C Controlled 4.5A Single Cell USB/Adapter Charger With Narrow VDC Power Path Management and USB OTG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com