Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3941 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3941
Description  10Gbps EAM Driver with Integrated Bias Network
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3941 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3941 Datasheet HTML 1Page - Maxim Integrated Products MAX3941 Datasheet HTML 2Page - Maxim Integrated Products MAX3941 Datasheet HTML 3Page - Maxim Integrated Products MAX3941 Datasheet HTML 4Page - Maxim Integrated Products MAX3941 Datasheet HTML 5Page - Maxim Integrated Products MAX3941 Datasheet HTML 6Page - Maxim Integrated Products MAX3941 Datasheet HTML 7Page - Maxim Integrated Products MAX3941 Datasheet HTML 8Page - Maxim Integrated Products MAX3941 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
10Gbps EAM Driver with Integrated
Bias Network
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage VEE ..............................................-6.0V to +0.5V
Voltage at MODEN,
RTEN, PLRT, MODSET, BIASSET ...........(VEE - 0.5V) to +0.5V
Voltage at DATA+, DATA-, CLK+, and CLK-……-1.65V to +0.5V
Voltage at OUT .............................................……….-4V to +0.5V
Voltage at PWC+, PWC- ...................(VEE - 0.5V) to (VEE + 1.7V)
Current Into or Out of OUT.............................……………...80mA
Continuous Power Dissipation (TA = +85°C)
24-Lead Thin QFN
(derate 20.8mW/°C above +85°C) .............................1354mW
Storage Temperature Range .....................……-55°C to +150°C
Operating Temperature Range ....................……-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VEE = -5.5V to -4.9V, TA = -40°C to +85°C. Typical values are at VEE = -5.2V, IBIAS = 30mA, IMOD = 100mA, and TA = +25°C, unless
otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Power-Supply Voltage
VEE
-5.5
-4.9
V
Retime disabled
124
174
Supply Current
IEE
Excluding IBIAS and
IMOD (Note 1)
Retime enabled
140
201
mA
Power-Supply Noise Rejection
PSNR
f
≤ 2MHz (Note 2)
15
dB
SIGNAL INPUT (Note 3)
Input Data Rates
NRZ
10.7
Gbps
Single-Ended Input Resistance
RIN
Input to GND
42.5
50
58.5
DC-coupled, Figure 1a
-1
0
Single-Ended Input Voltage
VIS
AC-coupled, Figure 1b
-0.4
+0.4
V
DC-coupled (Note 4)
0.2
2.0
Differential Input Voltage
VID
AC-coupled (Note 4)
0.2
1.6
VP-P
Differential Input Return Loss
RLIN
≤15GHz
15
dB
EAM BIAS
Maximum Bias Current
VBIASSET = VEE + 2V
50
56
mA
Minimum Bias Current
VBIASSET = VEE
0.3
1.2
mA
BIASSET Voltage Range
VBIASSET
VEE
VEE + 2
V
Equivalent Bias Resistance
RBSEQV
(Note 5)
36.4
VBIASSET = VEE + 0.11V
2.1
4.3
VBIASSET = VEE + 0.36V
8.8
11.3
Bias-Current-Setting Accuracy
TA = +25
°C
VBIASSET = VEE + 2.0V
52
58.4
mA
VBIASSET < VEE + 0.36V
-1100
+1100
Bias-Current Temperature
Stability
(Note 6)
VBIASSET
≥ VEE + 0.36V
-480
+480
ppm/°C
BIASSET Input Resistance
20
k
BIASSET Bandwidth
50
Ω driver load, VBIASSET = VEE + 0.55V,
Figure 2
5MHz
EAM MODULATION
Maximum Modulation Current
112
120
mAP-P
Minimum Modulation Current
VMODSET = VEE
37
40
mAP-P
MODSET Voltage Range
VMODSET
VEE
VEE + 1
V
Equivalent Modulation Resistance
RMODEQV
(Note 7)
11.1


Similar Part No. - MAX3941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394 MAXIM-MAX394 Datasheet
219Kb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 2; 9/08
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3940E/D MAXIM-MAX3940E/D Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
MAX3942 MAXIM-MAX3942 Datasheet
227Kb / 10P
   10Gbps Modulator Driver
Rev 1; 6/07
More results

Similar Description - MAX3941

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3940 MAXIM-MAX3940 Datasheet
355Kb / 13P
   10Gbps EAM Driver with Integrated Bias Network
Rev 0; 1/03
logo
M/A-COM Technology Solu...
MASW-004102-1276 MA-COM-MASW-004102-1276 Datasheet
975Kb / 6P
   Integrated Bias Network
MABT-011000 MA-COM-MABT-011000 Datasheet
612Kb / 5P
   Integrated Bias Network
logo
Tyco Electronics
MA4SW410B-1 MACOM-MA4SW410B-1 Datasheet
270Kb / 6P
   SP4T PIN Diode with Integrated Bias Network
logo
Maxim Integrated Produc...
MAX3935 MAXIM-MAX3935 Datasheet
1Mb / 14P
   10.7Gbps EAM Driver
Rev 1; 12/02
logo
Texas Instruments
LM36274 TI1-LM36274 Datasheet
696Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36272 TI1-LM36272 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
LM36273 TI1-LM36273 Datasheet
695Kb / 9P
[Old version datasheet]   Integrated Backlight Driver With Integrated LCD Bias
logo
M/A-COM Technology Solu...
MA4BN1840-1 MA-COM-MA4BN1840-1 Datasheet
125Kb / 8P
   Monolithic HMIC??Integrated Bias Network
logo
Tyco Electronics
MA4SW610B-1 MACOM-MA4SW610B-1 Datasheet
248Kb / 6P
   SP6T PIN Diode Switch with Integrated Bias Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com