Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTP2305AN3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTP2305AN3
Description  20V P-Channel Enhancement Mode MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTP2305AN3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTP2305AN3 Datasheet HTML 1Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 2Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 3Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 4Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 5Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 6Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 7Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 8Page - Cystech Electonics Corp. MTP2305AN3 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C322N3
Issued Date : 2015.01.06
Revised Date :
Page No. : 4/9
MTP2305AN3
CYStek Product Specification
Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
25
012
345
-VDS, Drain-Source Voltage(V)
-VGS=5V
-VGS=2V
-VGS=3V
-VGS=4V
-VGS=1V
Brekdown Voltage vs Ambient Temperature
15
20
25
30
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
-ID, Drain Current(A)
-VGS=1.5V
-VGS=4.5V
-VGS=2.5V
-VGS=2V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02
46
8
1
-IDR, Reverse Drain Current (A)
0
Tj=25°C
Tj=150°C
VGS=0V
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
40
80
120
160
200
240
280
320
360
400
0
12
345
-VGS, Gate-Source Voltage(V)
ID=-2.8A
Drain-Source On-State Resistance vs Junction Tempearture
20
40
60
80
100
120
-60
-20
20
60
100
140
180
Tj, Junction Temperature(°C)
VGS=-4.5V, ID=-2.8A


Similar Part No. - MTP2305AN3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTP2305N3 CYSTEKEC-MTP2305N3 Datasheet
528Kb / 6P
   P-CHANNEL Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
MTP2305N3 VBSEMI-MTP2305N3 Datasheet
484Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MTP2305AN3

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXM64P02X ZETEX-ZXM64P02X Datasheet
205Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Leshan Radio Company
LP2301ALT1G LRC-LP2301ALT1G_15 Datasheet
1Mb / 5P
   20V P-Channel Enhancement-Mode MOSFET
logo
WILLAS ELECTRONIC CORP
SMG2301B WILLAS-SMG2301B Datasheet
1Mb / 6P
   20V P-Channel Enhancement-Mode MOSFET
logo
Diodes Incorporated
DMG1013TQ DIODES-DMG1013TQ Datasheet
400Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJA63P02 PANJIT-PJA63P02 Datasheet
204Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2301 TSC-TSM2301 Datasheet
169Kb / 5P
   20V P-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXM62P02E6 ZETEX-ZXM62P02E6 Datasheet
203Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMP21D0UFB DIODES-DMP21D0UFB_17 Datasheet
376Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2006UFG DIODES-DMP2006UFG_17 Datasheet
396Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVT DIODES-DMP2035UVT_16 Datasheet
519Kb / 6P
   -20V P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UVTQ DIODES-DMP2035UVTQ Datasheet
484Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com