Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT_LVTH125 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVT_LVTH125
Description  3.3 V quad buffer; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT_LVTH125 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVT_LVTH125_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT_LVTH125_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74LVT_LVTH125_6
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 06 — 6 March 2006
6 of 16
Philips Semiconductors
74LVT125; 74LVTH125
3.3 V quad buffer; 3-state
10. Static characteristics
Table 7.
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb = −40 °C to +85 °C[1]
VIK
input clamping voltage
IIK = −18 mA; VCC = 2.7 V
-
−0.9
−1.2
V
VOH
HIGH-state output voltage
IOH = −100 µA;
VCC = 2.7 V to 3.6 V
VCC − 0.2 VCC − 0.1 -
V
IOH = −8 mA; VCC = 2.7 V
2.4
2.5
-
V
IOH = −32 mA; VCC = 3.0 V
2.0
2.2
-
V
VOL
LOW-state output voltage
VCC = 2.7 V
IOL = 100 µA
-
0.1
0.2
V
IOL = 24 mA
-
0.3
0.5
V
VCC = 3.0 V
IOL = 16 mA
-
0.25
0.4
V
IOL = 32 mA
-
0.3
0.5
V
IOL = 64 mA
-
0.4
0.55
V
ILI
input leakage current
all input pins
VCC = 0 V or 3.6 V; VI = 5.5 V
-
1
10
µA
control pins
VCC = 3.6 V; VI =VCC or GND
-
±0.1
±1
µA
data pins
VCC = 3.6 V
[2]
VI =VCC
-
0.1
1
µA
VI =0V
-
−1
−5
µA
IOFF
power-off leakage current
VCC = 0 V; VI or VO = 0 V to 4.5 V
-
1
±100
µA
IHOLD
bus hold current data input
VCC = 3 V
[3]
VI = 0.8 V
75
150
-
µA
VI = 2.0 V
−75
−150
-
µA
VCC = 0 V to 3.6 V
VI = 3.6 V
±500
-
-
µA
IEX
external current into output
output in HIGH-state when
VO >VCC; VO = 5.5 V and
VCC = 3.0 V
-
60
125
µA
IO(pu/pd)
power-up/power-down output
current
VCC ≤ 1.2 V; VO = 0.5 V to VCC;
VI = GND or VCC;
nOE = don’t care
[4] -
±1
±100
µA
IOZ
OFF-state output current
VCC = 3.6 V; VI =VIH or VIL
output HIGH: VO = 3.0 V
-
1
5
µA
output LOW: VO = 0.5 V
-
−1
−5
µA
ICC
quiescent supply current
VCC = 3.6 V; VI = GND or VCC;
IO =0A
outputs HIGH
-
0.13
0.19
mA
outputs LOW
-
2
7
mA
outputs disabled
[5] -
0.13
0.19
mA


Similar Part No. - 74LVT_LVTH125_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
   3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
logo
NXP Semiconductors
74LVT_LVTH16244B PHILIPS-74LVT_LVTH16244B_15 Datasheet
258Kb / 18P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 11-1 March 2012
74LVT_LVTH16245B PHILIPS-74LVT_LVTH16245B_15 Datasheet
261Kb / 19P
   3.3 V 16-bit transceiver; 3-state
Rev. 10-1 March 2012
More results

Similar Description - 74LVT_LVTH125_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT125 PHILIPS-74LVT125 Datasheet
93Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 05-10 February 2005
74LVT125D-T NXP-74LVT125D-T Datasheet
106Kb / 16P
   3.3 V quad buffer 3-state
Rev. 06-6 March 2006
logo
Nexperia B.V. All right...
74LVTH125 NEXPERIA-74LVTH125 Datasheet
243Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 8 - 18 August 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_1 Datasheet
90Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74LVT126 NEXPERIA-74LVT126 Datasheet
240Kb / 13P
   3.3 V quad buffer; 3-state
Rev. 6 - 27 July 2021
logo
NXP Semiconductors
74LVT126 PHILIPS-74LVT126_15 Datasheet
99Kb / 15P
   3.3 V quad buffer; 3-state
Rev. 04-11 February 2005
logo
Nexperia B.V. All right...
74ABT126 NEXPERIA-74ABT126 Datasheet
219Kb / 11P
   Quad buffer; 3-state
Rev. 6 - 8 October 2020
logo
NXP Semiconductors
74LVTH16244B NXP-74LVTH16244B Datasheet
109Kb / 17P
   3.3 V 16-bit buffer/driver; 3-state
Rev. 06-13 November 2008
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com