Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OX-080 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # OX-080
Description  Low g-Sensitivity Oven Controlled Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

OX-080 Datasheet(HTML) 1 Page - Vectron International, Inc

  OX-080_14 Datasheet HTML 1Page - Vectron International, Inc OX-080_14 Datasheet HTML 2Page - Vectron International, Inc OX-080_14 Datasheet HTML 3Page - Vectron International, Inc OX-080_14 Datasheet HTML 4Page - Vectron International, Inc OX-080_14 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
OX-080
Low g-Sensitivity
Oven Controlled Crystal Oscillator
Vectron International • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
• Ultra Low g-Sensitivity
• Low Phase Noise
• High Stability
• Frequency Range: 8 MHZ to 15 MHZ
• Standard Frequency 10 MHz
• Vibration Compensation
• Military Avionics
• Airborne Radar
• Test Equipment
• Frequency Synthesizers
• Position Location
• Satellite Communications
Features
Applications
OX-080
Parameter
Min
Typ
Max
Units
Condition
Available Frequencies
Frequency Range
8
15
MHz
G-Sensitivity Performance
Standard crystal
1
ppb/g
G Sensitivity w\ Low g-Crystal
0.2
ppb/g
G Sensitivity w\ Low g-Crystal & Vibration
compensation
0.02
ppb/g
Degrades to 0.2 ppb/g above 250 Hz
(No mechanical resonances out to 2KHz)
G sensitivity specified per axis
For oscillators with 0.1 ppb/g out to 2 KHz contact factory.
Frequency Stabilities1
(Stabilities listed for 10 MHz. For Stabilities above 10 MHz values may degrade. Please contact factory.)
vs. Operating Temperature Range
(referenced to +25°C)
-30
-20
-10
-5
+30
+20
+10
+5
ppb
ppb
ppb
ppb
-40… +85°C
-40… +70°C
-20… +70°C
0… +70°C
Initial Tolerance
vs. Supply Voltage Change
vs. Load Change
vs. Aging / Daily
vs. Aging / 1st Year
vs. Aging / Year (following years)
-50
-2.0
-2.0
-0.5
-40
-30
+50
+2.0
+2.0
+0.5
+40
+30
ppb
ppb
ppb
ppb
ppb
ppb
at time of shipment, nominal EFC
Vs ± 5%
Load ± 5%
after 72 hours of operation
after 72 hours of operation
Retrace2
-20
+20
ppb
Performance Specifications


Similar Part No. - OX-080_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-080 VECTRON-OX-080 Datasheet
652Kb / 5P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
More results

Similar Description - OX-080_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
OX-080 VECTRON-OX-080 Datasheet
652Kb / 5P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_14 Datasheet
705Kb / 6P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-043 VECTRON-OX-043_17 Datasheet
828Kb / 6P
   Low g-Sensitivity Oven Controlled Crystal Oscillator
OX-046 VECTRON-OX-046_14 Datasheet
705Kb / 5P
   VHF low g-Sensitivity Oven Controlled Crystal Oscillator
OX-046 VECTRON-OX-046 Datasheet
751Kb / 5P
   VHF low g-Sensitivity Oven Controlled Crystal Oscillator
OX-990 VECTRON-OX-990 Datasheet
667Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
OX-990 VECTRON-OX-990_14 Datasheet
752Kb / 8P
   Oven Controlled Crystal Oscillator Ultra Low Noise and G-Sensitivity
VX-508 VECTRON-VX-508 Datasheet
234Kb / 6P
   Voltage Controlled Crystal Oscillator Low G-Sensitivity
logo
Kyocera Kinseki Corpota...
OCXO-131A KSS-OCXO-131A Datasheet
66Kb / 1P
   Oven Controlled Crystal Oscillator
logo
Vectron International, ...
OX-400 VECTRON-OX-400_12 Datasheet
203Kb / 5P
   Oven Controlled Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com