Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX395CWG Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX395CWG
Description  Serially Controlled, Low-Voltage, 8-Channel SPST Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX395CWG Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX395CWG Datasheet HTML 1Page - Maxim Integrated Products MAX395CWG Datasheet HTML 2Page - Maxim Integrated Products MAX395CWG Datasheet HTML 3Page - Maxim Integrated Products MAX395CWG Datasheet HTML 4Page - Maxim Integrated Products MAX395CWG Datasheet HTML 5Page - Maxim Integrated Products MAX395CWG Datasheet HTML 6Page - Maxim Integrated Products MAX395CWG Datasheet HTML 7Page - Maxim Integrated Products MAX395CWG Datasheet HTML 8Page - Maxim Integrated Products MAX395CWG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Serially Controlled, Low-Voltage,
8-Channel SPST Switch
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +4.5V to +5.5V, V- = 0V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
SWITCH DYNAMIC CHARACTERISTICS
DIGITAL I/O
ANALOG SWITCH
V
VCOM,VNO
Analog Signal Range
COM, NO On-Resistance
RON
225
V+ = 5V, VCOM = 3.5V,
INO = 1mA
C, E, M
125
175
TA = +25°C
Channel-to-Channel Crosstalk
(Note 7)
VCT
<-90
dB
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
TA = +25°C
Off Isolation (Note 6)
VISO
-90
dB
RL = 50Ω, CL = 15pF,
VNO = 1VRMS, f = 100kHz
TA = +25°C
SCLK Input Hysteresis
SCLKHYST
mV
100
C, E, M
DOUT Output Voltage Logic Low
VDOUT
V
0
0.4
IDOUT = 1.6mA
C, E, M
COM Off Leakage Current
(Notes 4, 5)
-10
10
nA
V+ = 5.5V, VCOM = 0V,
VNO = 4.5V
C, E, M
-0.1
0.002
0.1
TA = +25°C
ICOM(OFF)
-10
10
V+ = 5.5V, VCOM = 4.5V,
VNO = 0V
C, E, M
-0.1
0.002
0.1
TA = +25°C
NO Off Leakage Current
(Notes 4, 5)
-10
10
nA
V+ = 5.5V, VCOM = 0V,
VNO = 4.5V
C, E, M
-0.1
0.002
0.1
TA = +25°C
-20
20
C, E, M
-0.2
0.002
0.2
TA = +25°C
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
Charge Injection (Note 4)
VCTE
210
pC
Turn-On Time
tON
200
400
ns
Turn-Off Time
tOFF
90
400
ns
INO(OFF)
-10
10
V+ = 5.5V, VCOM = 4.5V,
VNO = 0V
C, E, M
-0.1
0.002
0.1
TA = +25°C
Break-Before-Make Delay
tBBM
15
ns
From rising edge of CS
From rising edge of CS
From rising edge of CS
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold Low
DIN, SCLK, CS, RESET Input
Current Logic High or Low
IIH, IIL
VIL
µA
500
CL = 1nF, VNO = 0V, RS = 0Ω
-1
0.03
1
VDIN, VSCLK,
VCS = 0.8V or 2.4V
C, E, M
500
DOUT Output Voltage Logic High
DIN, SCLK, CS, RESET Input
Voltage Logic Threshold High
VIH
0.8
V-
V+
TA = +25°C
TA = +25°C
TA = +25°C
V
VDOUT
C, E, M
V
2.8
V+
2.4
CONDITIONS
C, E, M
TA = +25°C
C, E, M
C, E, M
V
IDOUT = -0.8mA
C, E, M
nA
COM On Leakage Current
(Notes 4, 5)
ICOM(ON)
C, E, M
V+ = 5.5V,
VCOM = VNO = 4.5V
V+, V- Supply Current
I+
720
µA
DIN = CS = SCLK = 0V or
V+, RESET = 0V or V+
TA = +25°C
C, E, M
30
POWER SUPPLY


Similar Part No. - MAX395CWG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3950 MAXIM-MAX3950 Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3950EGK MAXIM-MAX3950EGK Datasheet
163Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. A October 14, 2003
MAX3950EGK MAXIM-MAX3950EGK Datasheet
260Kb / 9P
   3.3V, 10.7Gbps 1:16 Deserializer with LVDS Outputs
Rev 2; 12/02
MAX3956 MAXIM-MAX3956 Datasheet
1Mb / 82P
   Transceiver with DDM and DC-Coupled Laser Interface
Rev 3; 9/14
More results

Similar Description - MAX395CWG

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG714 AD-ADG714_02 Datasheet
232Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. B
ADG714 AD-ADG714_13 Datasheet
188Kb / 16P
   CMOS, Low Voltage Serially Controlled, Octal SPST Switches
REV. C
ADG714 AD-ADG714 Datasheet
173Kb / 16P
   CMOS, Low Voltage Serially-Controlled, Octal SPST Switches
REV. 0
logo
Maxim Integrated Produc...
MAX349 MAXIM-MAX349 Datasheet
301Kb / 20P
   Serially Controlled, Low-Voltage, 8-Channel/Dual 4-Channel Multiplexers
Rev 1; 10/98
logo
Analog Devices
ADG714 AD-ADG714_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
ADG715 AD-ADG715_15 Datasheet
188Kb / 16P
   Serially Controlled, Octal SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX335 MAXIM-MAX335 Datasheet
121Kb / 12P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 2; 7/96
MAX335 MAXIM-MAX335_V01 Datasheet
943Kb / 14P
   Serial Controlled, 8-Channel SPST Switch
19-0220; Rev 4; 7/17
logo
Analog Devices
ADGS1412 AD-ADGS1412 Datasheet
722Kb / 26P
   Serially Controlled, 1.5 廓, On-Resistance, High Voltage, iCMOS, Quad SPST Switch
logo
Maxim Integrated Produc...
MAX4586 MAXIM-MAX4586 Datasheet
140Kb / 12P
   Serially Controlled, 4-Channel Serially Controlled, 4-Channel
Rev 0; 8/99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com