Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX398 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX398
Description  Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX398 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX398 Datasheet HTML 3Page - Maxim Integrated Products MAX398 Datasheet HTML 4Page - Maxim Integrated Products MAX398 Datasheet HTML 5Page - Maxim Integrated Products MAX398 Datasheet HTML 6Page - Maxim Integrated Products MAX398 Datasheet HTML 7Page - Maxim Integrated Products MAX398 Datasheet HTML 8Page - Maxim Integrated Products MAX398 Datasheet HTML 9Page - Maxim Integrated Products MAX398 Datasheet HTML 10Page - Maxim Integrated Products MAX398 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Precision, 8-Channel/Dual 4-Channel,
Low-Voltage, CMOS Analog Multiplexers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
1, 16
PIN
MAX398
MAX399
NAME
FUNCTION
1, 15, 16
A0, A2, A1
Address Inputs
A0, A1
Address Inputs
2
2
EN
Enable Input, connect to V+ if not used
3
3
V-
Negative Supply Voltage Input
4–7
NO1–NO4
Analog Inputs—bidirectional
4–7
NO1A–NO4A
Analog Inputs—bidirectional
8
COM
Analog Output—bidirectional
8, 9
COMA, COMB
Analog Outputs—bidirectional
9–12
NO8–NO5
Analog Inputs—bidirectional
10–13
NO4B–NO1B
Analog Inputs—bidirectional
13
14
V+
Positive Supply Voltage Input
14
15
GND
Ground


Similar Part No. - MAX398

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3980 MAXIM-MAX3980 Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UGH MAXIM-MAX3980UGH Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3980UTH++ MAXIM-MAX3980UTH+ Datasheet
436Kb / 9P
   3.125Gbps XAUI Quad Equalizer
Rev 3; 12/08
MAX3981 MAXIM-MAX3981 Datasheet
362Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 1; 5/03
MAX3981 MAXIM-MAX3981 Datasheet
510Kb / 9P
   3.125Gbps XAUI Quad Cable Equalizer
Rev 2; 12/08
More results

Similar Description - MAX398

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX398 MAXIM-MAX398_V01 Datasheet
564Kb / 20P
   Precision, 8-Channel/Dual 4-Channel, Low-Voltage, CMOS Analog Multiplexers
2007
logo
Vishay Siliconix
DG508B VISHAY-DG508B Datasheet
274Kb / 18P
   Precision 8-Channel/Dual 4-Channel CMOS Analog Multiplexers
Rev. D, 20-Dec-10
DG508B VISHAY-DG508B_V01 Datasheet
371Kb / 21P
   Precision 8-Channel / Dual 4-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX396 MAXIM-MAX396 Datasheet
120Kb / 12P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 9/96
MAX396 MAXIM-MAX396_V01 Datasheet
1Mb / 14P
   Precision, 16-Channel/Dual 8-Channel, Low-Voltage, CMOS Analog Multiplexers
2016
MAX4518 MAXIM-MAX4518 Datasheet
170Kb / 12P
   Precision, 4-Channel/Dual 2-Channel, Low-Voltage, CMOS Analog Multiplexers
Rev. 1; 5/98
MAX308 MAXIM-MAX308 Datasheet
123Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
19-0271; Rev 0; 7/94
logo
Vishay Siliconix
DG506B VISHAY-DG506B Datasheet
332Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
Rev. B, 22-Mar-10
DG506B VISHAY-DG506B_V01 Datasheet
298Kb / 17P
   Precision 16-Channel/Dual 8-Channel CMOS Analog Multiplexers
08-Feb-17
logo
Maxim Integrated Produc...
MAX308CUE MAXIM-MAX308CUE Datasheet
467Kb / 12P
   Precision, 8-Channel/Dual 4-Channel, High-Performance, CMOS Analog Multiplexers
Rev 2; 8/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com