Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24765 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ24765
Description  SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24765 Datasheet(HTML) 2 Page - Texas Instruments

  BQ24765_15 Datasheet HTML 1Page - Texas Instruments BQ24765_15 Datasheet HTML 2Page - Texas Instruments BQ24765_15 Datasheet HTML 3Page - Texas Instruments BQ24765_15 Datasheet HTML 4Page - Texas Instruments BQ24765_15 Datasheet HTML 5Page - Texas Instruments BQ24765_15 Datasheet HTML 6Page - Texas Instruments BQ24765_15 Datasheet HTML 7Page - Texas Instruments BQ24765_15 Datasheet HTML 8Page - Texas Instruments BQ24765_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 37 page
background image
RAC
0.010
RSR
0.010
Q1 (ACFET)
SI4435
P
P
CSSN
CSSP
ACIN
VREF
CE
SDA
SCL
SMBus
DISCRETE
LOGIC
VICM
HOST
(EC)
DCINP
BOOT
VDDP
PGND
CSOP
CSON
PACK +
PACK -
CHRG_IN
ADAPTER
+
ADAPTER -
AGND
bq24765
464k
1%
33.2k
1%
R1
R2
1uF
C4
0.1uF
C2
0.1uF
C3
100pF
C5
0.47uF
C6
0.1uF
C7
L1
3.3uH
D1
BAT54
1uF
C8
C9
0.1uF
C10
0.1uF
C12
10uF
C18
10uF
VFB
ICOUT
C11
10uF
Q2 (ACFET)
SI4435
Controlled
byHOST
10uF
C17
C13
0.1u
R4
10k
R5
10k
EAI
FBO
EAO
R9
20k
R10
200k
R8
7.5k
C15
2000pF
C16
130pF
VDDSMB
ACOK
10k
R3
DISCRETE
LOGIC
DigI/O
R7
10k
C14
51pF
DCINP
DCINP
DCINA
PHASE
PHASE
PHASE
PGND
PGND
Q3 (BATFET)
SI4435
Controlled
byHOST
QTOP
QBOT
2.2uF
C1
Rc1
2
R7
5.6
PHASE
PHASE
PGND
20
RC6
ICREF
RC1
100k
RC2
20k
R6
10k
bq24765
SLUS999 – NOVEMBER 2009
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The bq24765 features Dynamic Power Management (DPM) and input power limiting. These features reduce
battery charge current when the input power limit is reached to avoid overloading the AC adaptor when supplying
the load and the battery charger simultaneously. A high-accuracy current sense amplifier enables accurate
measurement of input current from the AC adapter, allowing monitoring the overall system power. If the adapter
current is above the programmed low-power threshold, a signal is sent to host so that the system optimizes its
power performance according to what is available from the adapter. An integrated comparator allows monitoring
the input current through the current sense amplifier, and indicating when the input current exceeds a
programmable threshold limit. The bq24765 features a thermal regulation loop to reduce battery charge current
when the Tj limit is reached. This feature protects internal power FETs from overheating when charging with high
current.
TYPICAL APPLICATIONS
VIN = 20 V, VBAT = 4-cell Li-Ion, ICHARGE = 4.5 A, Idpm = 5A
Figure 1. Typical System Schematic, Using Internal Input Current Comparator
2
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s) :bq24765


Similar Part No. - BQ24765_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
More results

Similar Description - BQ24765_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24765 TI1-BQ24765 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger With Integrated Power MOSFETs
BQ24765 TI1-BQ24765_15 Datasheet
1Mb / 43P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery Charger
BQ24745 TI1-BQ24745_14 Datasheet
1Mb / 39P
[Old version datasheet]   SMBus-Controlled Multi-Chemistry Battery
BQ24751RHDRG4 TI-BQ24751RHDRG4 Datasheet
1Mb / 38P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger
BQ24740 TI1-BQ24740_14 Datasheet
1Mb / 33P
[Old version datasheet]   Host-Controlled Multi-Chemistry Battery Charger
BQ24745 TI-BQ24745 Datasheet
1Mb / 36P
[Old version datasheet]   SMBus-Controlled Level 2 Multi-Chemistry Battery Charger With Input Current Detect Comparator
logo
Shanghai Consonance Ele...
CN3765 CONSONANCE-CN3765 Datasheet
210Kb / 10P
   Multi-Chemistry Battery Charger
CN3705 CONSONANCE-CN3705 Datasheet
242Kb / 12P
   Multi-Chemistry Battery Charger
CN3795 CONSONANCE-CN3795 Datasheet
212Kb / 11P
   Multi-Chemistry Battery Charger
logo
Texas Instruments
BQ24740 TI-BQ24740 Datasheet
1Mb / 29P
[Old version datasheet]   Host-controlled Multi-chemistry Battery Charger with Low Input Power Detect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com