Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3996 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3996
Description  3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3996 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX3996 Datasheet HTML 4Page - Maxim Integrated Products MAX3996 Datasheet HTML 5Page - Maxim Integrated Products MAX3996 Datasheet HTML 6Page - Maxim Integrated Products MAX3996 Datasheet HTML 7Page - Maxim Integrated Products MAX3996 Datasheet HTML 8Page - Maxim Integrated Products MAX3996 Datasheet HTML 9Page - Maxim Integrated Products MAX3996 Datasheet HTML 10Page - Maxim Integrated Products MAX3996 Datasheet HTML 11Page - Maxim Integrated Products MAX3996 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Smooth-Start
During startup, the laser does not emit light, and the
APC loop is not closed. The smooth-start circuit pulls
the MD pin to approximately 2.5V during the POR delay
and while TX_DISABLE is high. This causes the power-
control amplifier to shut off the bias transistor. When
POR delay is over and TX_DISABLE is low, the MD pin
is released and pulled to GND by RSET because there
is no laser power and thus no monitor diode current.
The output voltage of the power-control amplifier then
begins to increase. A capacitor attached to COMP
(CCOMP) slows the slew rate and allows a controlled
increase in bias current (Figure 11). Maxim recom-
mends CCOMP = 0.1µF.
Modulation Circuitry
The modulation circuitry consists of an input buffer, a
current mirror, and a high-speed current switch (Figure
5). The modulator drives up to 30mA of modulation cur-
rent into a 25
Ω load.
Many of the modulator performance specifications
depend on total modulator current. To ensure good driver
performance, the voltage at either OUT+ or OUT- must
not be less than VCC - 1V.
The amplitude of the modulation current is set with resis-
tors at the MODSET and temperature coefficient (TC)
pins. The resistor at MODSET (RMOD) programs the
temperature-stable portion of the modulation current,
and the resistor at TC (RTC) programs the temperature-
increasing portion of the modulation current. Figure 6
shows modulation current as a function of temperature
for two extremes: RTC is open (the modulation current
has zero temperature coefficient), and RMOD is open
(the modulation temperature coefficient is 4000ppm/°C).
Intermediate temperature coefficient values of the mod-
ulation current can be obtained as described in the
Design Procedure section. Table 2 is the RTC and RMOD
selection table.
Safety Circuitry
The safety circuitry contains a disable input, a fault
latch, and fault detectors (Figure 7). This circuitry moni-
tors the operation of the laser driver and forces a shut-
down if a single-point fault is detected. A single-point
fault can be a short to VCC or GND, or between any two
3.0V to 5.5V, 2.5Gbps VCSEL
and Laser Driver
8
_______________________________________________________________________________________
PIN
FAULT CONDITION
MON2
VMON2 > 400mV
BIAS
VBIAS < 400mV
TC, MODSET
VMODSET or VTC < 200mV
Table 1. Typical Fault Conditions
MAX3996
100
IN+
IN-
INPUT BUFFER
50
50
VCC
OUT+
OUT-
1.2V REFERENCE
0ppm/
°C
MODSET
FAULT
200mV
MODSET
RMOD
1.2V REFERENCE
4000ppm/
°C
TC FAULT
200mV
TC
RTC
Σ
CURRENT AMPLIFIER
96X
ENABLE
MODULATION
CURRENT
GENERATOR
CURRENT
SWITCH
Figure 5. Modulation Circuitry
0.6
0.8
0.7
1.0
0.9
1.2
1.1
1.3
020 30 40
10
50 60 70 80 90 100 110
JUNCTION TEMPERATURE (
°C)
RTC
≥ 1.9k
RMOD = OPEN
TEMPCO = 4000ppm/
°C
RTC = OPEN
TEMPCO = 50ppm/
°C
Figure 6. Modulation Current vs. Temperature for Maximum
and Minimum Temperature Coefficient


Similar Part No. - MAX3996

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3996CGP MAXIM-MAX3996CGP Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3996CTP++ MAXIM-MAX3996CTP+ Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
More results

Similar Description - MAX3996

ManufacturerPart #DatasheetDescription
logo
KOA Speer Electronics, ...
MAX3996CTP-T KOA-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
logo
Maxim Integrated Produc...
MAX3996CTP-T MAXIM-MAX3996CTP-T Datasheet
768Kb / 16P
   3.0V to 5.5V, 2.5Gbps VCSEL and Laser Driver
Rev 3; 5/04
MAX3286 MAXIM-MAX3286 Datasheet
733Kb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
19-1550; Rev 6; 11/04
MAX3286 MAXIM-MAX3286_V01 Datasheet
1Mb / 28P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps LAN Laser Drivers
2005
MAX3264 MAXIM-MAX3264 Datasheet
344Kb / 17P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
Rev 6, 5/04
MAX3264 MAXIM-MAX3264_V01 Datasheet
991Kb / 10P
   3.0V to 5.5V, 1.25Gbps/2.5Gbps Limiting Amplifiers
19-1523; Rev 7, 2/06
logo
Samsung semiconductor
CXB1828ER SAMSUNG-CXB1828ER Datasheet
254Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Maxim Integrated Produc...
MAX3643 MAXIM-MAX3643_14 Datasheet
372Kb / 15P
   155Mbps to 2.5Gbps Burst-Mode Laser Driver
Rev 4; 12/12
logo
KODENSHI_AUK CORP.
KTX-485-D3AA KODENSHI-KTX-485-D3AA Datasheet
145Kb / 1P
   2.5Gbps VCSEL TOSA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com