Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25050 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ25050
Description  1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path Control, and Single Input Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25050 Datasheet(HTML) 2 Page - Texas Instruments

  BQ25050_15 Datasheet HTML 1Page - Texas Instruments BQ25050_15 Datasheet HTML 2Page - Texas Instruments BQ25050_15 Datasheet HTML 3Page - Texas Instruments BQ25050_15 Datasheet HTML 4Page - Texas Instruments BQ25050_15 Datasheet HTML 5Page - Texas Instruments BQ25050_15 Datasheet HTML 6Page - Texas Instruments BQ25050_15 Datasheet HTML 7Page - Texas Instruments BQ25050_15 Datasheet HTML 8Page - Texas Instruments BQ25050_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
bq25050
SLUSA33 – MARCH 2010
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION
PART NO.
MARKING
MEDIUM
QUANTITY
bq25050DQCR
DAM
Tape and Reel
3000
bq25050DQCT
DAM
Tape and Reel
250
PACKAGE DISSIPATION RATINGS TABLE
PACKAGE
RqJA
RqJC
TA < 25°C POWER
DERATING FACTOR
RATING
ABOVE TA = 25°C
10 Pin 2mm × 3mm SON(1)
58.7°C/W(2)
3.9°C/W
1.70W
0.017W/°C
(1)
Maximum power dissipation is a function of TJ(max), RqJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = [TJ(max) - TA]/RqJA.
(2)
This data is based on using the JEDEC High-K board and the exposed die pad is connected to a Cu pad on the board. The pad is
connected to the ground plane by a 2×3 via matrix.
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
VALUE / UNIT
IN (with respect to VSS)
–0.3 to 30 V
Input Voltage
CTRL, TS, CHG, BGATE (with respect to VSS)
–0.3 to 7 V
Output Voltage
BAT, OUT, LDO, CHG, BGATE, IMON (with respect to VSS)
–0.3 to 7 V
Input Current (Continuous)
IN
1.2 A
Output Current (Continuous)
BAT
1.2 A
Output Current (Continuous)
LDO
100 mA
Output Sink Current
CHG
5 mA
Junction temperature, TJ
–40°C to 150°C
Storage temperature, TSTG
–65°C to 150°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. All voltage
values are with respect to the network ground terminal unless otherwise noted.
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNITS
IN voltage range
3.55
28
VIN
V
IN operating voltage range
4.4
10.2
IIN
Input current, IN
1
A
IOUT
Ouput Current in charge mode, OUT
1
A
TJ
Junction Temperature
0
125
°C
ELECTRICAL CHARACTERISTICS
Over junction temperature range 0°C
≤ TJ ≤ 125°C and VIN = 5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
INPUT
VUVLO
Under-voltage lock-out
VIN: 0V → 4V
3.25
3.30
3.55
V
VHYS-UVLO
Hysteresis on UVLO
VIN: 4V → 0V
250
mV
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): bq25050


Similar Part No. - BQ25050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25050DQCR TI1-BQ25050DQCR Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ25050DQCT TI1-BQ25050DQCT Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
More results

Similar Description - BQ25050_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25060 TI-BQ25060_1 Datasheet
1Mb / 24P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25060 TI-BQ25060 Datasheet
1Mb / 22P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, and External Power Path Control
BQ25050 TI1-BQ25050 Datasheet
1Mb / 28P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger with 50-mA LDO, External Power Path
BQ24090 TI-BQ24090_1 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090 Datasheet
1Mb / 31P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_3 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_2 Datasheet
1Mb / 32P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion Battery Charger
BQ24090 TI-BQ24090_12 Datasheet
1Mb / 34P
[Old version datasheet]   1A, Single-Input, Single Cell Li-Ion and Li-Pol Battery Charger
BQ24278 TI1-BQ24278 Datasheet
1Mb / 29P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion BATTERY CHARGER with Power Path Management
BQ24272 TI1-BQ24272 Datasheet
1Mb / 32P
[Old version datasheet]   2.5A, Single Input, Single Cell Switchmode Li-Ion Battery Charger with Power Path Management
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com