Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

82P33831 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # 82P33831
Description  Composite clock inputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

82P33831 Datasheet(HTML) 4 Page - Integrated Device Technology

  82P33831 Datasheet HTML 1Page - Integrated Device Technology 82P33831 Datasheet HTML 2Page - Integrated Device Technology 82P33831 Datasheet HTML 3Page - Integrated Device Technology 82P33831 Datasheet HTML 4Page - Integrated Device Technology 82P33831 Datasheet HTML 5Page - Integrated Device Technology 82P33831 Datasheet HTML 6Page - Integrated Device Technology 82P33831 Datasheet HTML 7Page - Integrated Device Technology 82P33831 Datasheet HTML 8Page - Integrated Device Technology 82P33831 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
82P33831 SHORT FORM DATA SHEET
SYNCHRONIZATION MANAGEMENT UNIT FOR IEEE 1588 AND
10G/40G SYNCHRONOUS ETHERNET
4
REVISION 2 12/08/14
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
Control and
Status
Registers
OutDiv
OutDiv
I2C Slave
JTAG
I2C Master
Reference
monitors
Reference
selection
Frac-N input
dividers
SYS PLL
DPLL2 /
DCO2
APLL1
APLL2
OutDiv
OutDiv
OutDiv
DPLL1 /
DCO1
OUT3p/n
OUT4p/n
OUT5p/n
OUT6p/n
OUT7
System Clock
LOS0 / XO_FREQ0
LOS1 / XO_FREQ1
LOS2 / XO_FREQ2
LOS3
ex_sync module
Composite
Clocks
IN1(CC)
IN2(CC)
IN5(P/N)
IN6(P/N)
IN7(P/N)
IN3(P/N)
IN4(P/N)
IN8(P/N)
IN9
IN10
IN11
IN12
IN13
IN14
FRSYNC_8K_1PPS
MFRSYNC_2K_1PPS
Crystal
OutDiv
OUT1
OutDiv
OUT2
OutDiv
OutDiv
OUT11p/n
OUT12p/n
APLL3
(VCXO)
OutDiv
OutDiv
OUT9
OUT10
OUT8
Composite
Clock
DPLL3
ToD/ Time
Accumulator
ToD/ Time
Accumulator


Similar Part No. - 82P33831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33831 IDT-82P33831 Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
logo
Renesas Technology Corp
82P33831 RENESAS-82P33831 Datasheet
1Mb / 75P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
July 10, 2018
logo
Integrated Device Techn...
82P33831ABAG IDT-82P33831ABAG Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
82P33831ABAG IDT-82P33831ABAG Datasheet
275Kb / 12P
   Synchronization Management Unit for IEEE 1588 and 10G/40G/100G Synchronous Ethernet
82P33831ABAG8 IDT-82P33831ABAG8 Datasheet
284Kb / 13P
   Synchronization Management Unit for IEEE 1588 and 10G/40G Synchronous Ethernet
More results

Similar Description - 82P33831

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
82P33810 IDT-82P33810 Datasheet
226Kb / 13P
   Composite clock inputs
logo
Integrated Circuit Syst...
82P33731 ICST-82P33731 Datasheet
196Kb / 12P
   Composite clock inputs
logo
Elpida Memory
EDJ4204BFBG ELPIDA-EDJ4204BFBG Datasheet
526Kb / 32P
   Differential clock inputs
EDJ2108DEBG ELPIDA-EDJ2108DEBG Datasheet
565Kb / 33P
   Differential clock inputs
EDJ2108EEBG ELPIDA-EDJ2108EEBG Datasheet
606Kb / 32P
   Differential clock inputs
EDJ4204EFBG ELPIDA-EDJ4204EFBG Datasheet
656Kb / 29P
   Differential clock inputs
EDJ2104BDBG ELPIDA-EDJ2104BDBG Datasheet
447Kb / 30P
   Differential clock inputs
EDJ1108EJBG ELPIDA-EDJ1108EJBG Datasheet
525Kb / 32P
   Differential clock inputs
EDJ2108EDBG ELPIDA-EDJ2108EDBG Datasheet
1Mb / 150P
   Differential clock inputs
EDJ1108DJBG ELPIDA-EDJ1108DJBG Datasheet
448Kb / 33P
   Differential clock inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com