Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ25100 Datasheet(PDF) 1 Page - Texas Instruments

Part # BQ25100
Description  bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ25100 Datasheet(HTML) 1 Page - Texas Instruments

  BQ25100_15 Datasheet HTML 1Page - Texas Instruments BQ25100_15 Datasheet HTML 2Page - Texas Instruments BQ25100_15 Datasheet HTML 3Page - Texas Instruments BQ25100_15 Datasheet HTML 4Page - Texas Instruments BQ25100_15 Datasheet HTML 5Page - Texas Instruments BQ25100_15 Datasheet HTML 6Page - Texas Instruments BQ25100_15 Datasheet HTML 7Page - Texas Instruments BQ25100_15 Datasheet HTML 8Page - Texas Instruments BQ25100_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
IN
VBUS
GND
HOST
bq25100
OUT
1ÛF
1ÛF
SYSTEM
D+
D-
USB Port or
Adapter
ISET
PRETERM
TEMP
PACK+
PACK-
TS
VSS
CE
1.35k
Ÿ
6k
Ÿ
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
bq25100, bq25101, bq25100A, bq25100H, bq25101H, bq25100L
SLUSBV8C – AUGUST 2014 – REVISED NOVEMBER 2014
bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
Leakage
1 Features
3 Description
The bq2510x series of devices are highly integrated
1
Charging
Li-Ion and Li-Pol linear chargers targeted at space-
1% Charge Voltage Accuracy
limited portable applications. The high input voltage
10% Charge Current Accuracy
range with input overvoltage protection supports low-
cost unregulated adapters.
Supports Applications for Very Low Charge
Currents - 10 mA to 250 mA
The bq2510x has a single power output that charges
the battery. A system load can be placed in parallel
Supports minimum 1-mA Charge Termination
with the battery as long as the average system load
Current
does not keep the battery from charging fully during
Ultra Low Battery Output Leakage Current -
the 10 hour safety timer.
Maximum 75 nA
The battery is charged in three phases: conditioning,
Adjustable Termination and Precharge
constant current and constant voltage. In all charge
Threshold
phases, an internal control loop monitors the IC
High voltage Chemistry Support: 4.35 V with
junction temperature and reduces the charge current
bq25100H/01H, 4.30 V with bq25100A
if an internal temperature threshold is exceeded.
Protection
The charger power stage and charge current sense
30-V Input Rating; with 6.5-V Input
functions are fully integrated. The charger function
Overvoltage Protection
has high accuracy current and voltage regulation
loops and charge termination. The pre-charge current
Input Voltage Dynamic Power Management
and termination current threshold are programmed
125°C Thermal Regulation; 150°C Thermal
via an external resistor on the bq2510x. The fast
Shutdown Protection
charge current value is also programmable via an
OUT Short-Circuit Protection and ISET Short
external resistor.
Detection
Device Information(1)
Operation over JEITA Range via Battery
PART NUMBER
PACKAGE
BODY SIZE (NOM)
NTC – 1/2 Fast-Charge-Current at Cold, 4.06
bq25100
DSBGA (6)
1.60 mm × 0.90 mm
V (bq25100/01) or 4.2 V (bq25100H/01H) at
bq25101
DSBGA (6)
1.60 mm × 0.90 mm
Hot
bq25100A
DSBGA (6)
1.60 mm × 0.90 mm
Fixed 10 Hour Safety Timer
bq25100H
DSBGA (6)
1.60 mm × 0.90 mm
System
bq25101H
DSBGA (6)
1.60 mm × 0.90 mm
Automatic Termination and Timer Disable
bq25100L(2)
DSBGA (6)
1.60 mm × 0.90 mm
Mode (TTDM) for Absent Battery Pack
(1) For all available packages, see the orderable addendum at
Available in Small 1.60 mm × 0.90 mm
the end of the datasheet.
DSBGA Package
(2) Product preview. Contact the local TI representative for device
details.
2 Applications
Fitness Accessories
Smart Watches
Bluetooth® Headsets
Low-Power Handheld Devices
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.


Similar Part No. - BQ25100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
More results

Similar Description - BQ25100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ25100A TI-BQ25100A_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25100H TI-BQ25100H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101H TI-BQ25101H_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery Leakage
BQ25101 TI-BQ25101_15 Datasheet
1Mb / 32P
[Old version datasheet]   bq2510x 250-mA Single Cell Li-Ion Battery Chargers, 1-mA Termination, 75-nA Battery
logo
ACE Technology Co., LTD...
ACE4559P ACE-ACE4559P Datasheet
613Kb / 15P
   150mA Single Cell Li-ion Battery Charger, 0.1mA Termination, 45nA Battery leakage Current
VER 1.1
logo
Texas Instruments
BQ25100 TI1-BQ25100_16 Datasheet
1Mb / 32P
[Old version datasheet]   75-nA Battery Leakage
BQ25100B TI1-BQ25100B Datasheet
1Mb / 34P
[Old version datasheet]   75-nA Battery Leakage
logo
Dallas Semiconductor
DS2441 DALLAS-DS2441 Datasheet
134Kb / 29P
   1-Cell Li-Ion Battery Manager
logo
NXP Semiconductors
NE57611 PHILIPS-NE57611 Datasheet
131Kb / 12P
   Single cell Li-ion battery charger
2003 Oct 15
logo
Texas Instruments
BQ25170 TI-BQ25170 Datasheet
556Kb / 10P
[Old version datasheet]   BQ25170: 800-mA Linear Battery Charger for 1-Cell Li-Ion, and LiFePO4
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com