Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT241 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVT241
Description  3.3 V octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT241 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVT241_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 9Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 10Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 11Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 12Page - NXP Semiconductors 74LVT241_15 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
74LVT241_3
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 03 — 7 May 2008
9 of 16
NXP Semiconductors
74LVT241
3.3 V octal buffer/line driver; 3-state
Test data is given in Table 9.
Definitions test circuit:
RL = Load resistance.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
VEXT = External voltage for measuring switching times.
Fig 8.
Test circuit for switching times
VEXT
VCC
VI
VO
001aae235
DUT
CL
RT
RL
RL
PULSE
GENERATOR
VM
VM
tW
tW
10 %
90 %
0 V
VI
VI
negative
pulse
positive
pulse
0 V
VM
VM
90 %
10 %
tf
tr
tr
tf
Table 9.
Test data
Input
Load
VEXT
VI
fi
tW
tr, tf
RL
CL
tPHZ, tPZH
tPLZ, tPZL
tPLH, tPHL
2.7 V
≤ 10 MHz
500 ns
≤ 2.5 ns
500
50 pF
GND
6 V
open


Similar Part No. - 74LVT241_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT241BQ NXP-74LVT241BQ Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241BQ NEXPERIA-74LVT241BQ Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
logo
NXP Semiconductors
74LVT241D PHILIPS-74LVT241D Datasheet
90Kb / 10P
   3.3V Octal buffer/line driver 3-State
1998 Feb 19
74LVT241D NXP-74LVT241D Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
logo
Nexperia B.V. All right...
74LVT241D NEXPERIA-74LVT241D Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
More results

Similar Description - 74LVT241_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT_LVTH244A PHILIPS-74LVT_LVTH244A_15 Datasheet
107Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT244A NEXPERIA-74LVT244A Datasheet
251Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 7 - 17 August 2021
74LVT244A-Q100 NEXPERIA-74LVT244A-Q100 Datasheet
710Kb / 15P
   3.3 V octal buffer/line driver; 3-state
logo
NXP Semiconductors
74LVT241 NXP-74LVT241 Datasheet
112Kb / 16P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-7 May 2008
74LVT_LVTH244B PHILIPS-74LVT_LVTH244B_15 Datasheet
96Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 03-3 March 2006
logo
Nexperia B.V. All right...
74LVTH244B NEXPERIA-74LVTH244B Datasheet
235Kb / 12P
   3.3 V octal buffer/line driver; 3-state
Rev. 6 - 12 August 2021
logo
NXP Semiconductors
74LVTH244A NXP-74LVTH244A Datasheet
99Kb / 15P
   3.3 V octal buffer/line driver; 3-state
Rev. 04-3 September 2008
logo
Nexperia B.V. All right...
74LVT241 NEXPERIA-74LVT241 Datasheet
244Kb / 14P
   3.3 V octal buffer/line driver; 3-state
Rev. 4 - 27 March 2019
74LVT240 NEXPERIA-74LVT240 Datasheet
230Kb / 12P
   3.3 V Octal inverting buffer/line driver; 3-state
Rev. 4 - 28 July 2021
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com