Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVT573 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74LVT573
Description  3.3 V octal D-type transparent latch; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVT573 Datasheet(HTML) 2 Page - NXP Semiconductors

  74LVT573_15 Datasheet HTML 1Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 2Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 3Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 4Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 5Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 6Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 7Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 8Page - NXP Semiconductors 74LVT573_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
74LVT573
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 22 November 2011
2 of 17
NXP Semiconductors
74LVT573
3.3 V octal D-type transparent latch; 3-state
3.
Ordering information
4.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74LVT573D
40 C to +85 C
SO20
plastic small outline package; 20 leads;
body width 7.5 mm
SOT163-1
74LVT573DB
40 C to +85 C
SSOP20
plastic shrink small outline package; 20 leads;
body width 5.3 mm
SOT339-1
74LVT573PW
40 C to +85 C
TSSOP20
plastic thin shrink small outline package; 20 leads;
body width 4.4 mm
SOT360-1
74LVT573BQ
40 Cto+85 C
DHVQFN20
plastic dual in-line compatible thermal enhanced very
thin quad flat package; no leads; 20 terminals;
body 2.5
 4.5  0.85 mm
SOT764-1
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mna807
D0
D1
D2
D3
D4
D5
D6
D7
LE
OE
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
1
11
12
13
14
15
16
17
18
19
9
8
7
6
5
4
3
2
mna808
12
13
14
15
16
17
18
11
C1
1
EN1
1D
19
9
8
7
6
5
4
3
2


Similar Part No. - 74LVT573_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVT573BQ NXP-74LVT573BQ Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573BQ NEXPERIA-74LVT573BQ Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573D PHILIPS-74LVT573D Datasheet
99Kb / 12P
   3.3V Octal D-type transparent latch 3-State
1998 Feb 19
74LVT573D NXP-74LVT573D Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Nexperia B.V. All right...
74LVT573D NEXPERIA-74LVT573D Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
More results

Similar Description - 74LVT573_15

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74LVT573 NEXPERIA-74LVT573 Datasheet
264Kb / 15P
   3.3 V octal D-type transparent latch; 3-state
Rev. 9 - 30 July 2021
logo
NXP Semiconductors
74LVT573 NXP-74LVT573 Datasheet
111Kb / 16P
   3.3 V octal D-type transparent latch; (3-state)
Rev. 04-15 September 2008
logo
Texas Instruments
SN74LVTH373-EP TI1-SN74LVTH373-EP Datasheet
442Kb / 10P
[Old version datasheet]   3.3-V ABT OCTAL TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
logo
System Logic Semiconduc...
SL74LV373 SLS-SL74LV373 Datasheet
47Kb / 8P
   OCTAL D-TYPE TRANSPARENT LATCH(3-State)
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com