Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4001EBL-T Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4001EBL-T
Description  2.5GHz 45dB RF-Detecting Controllers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4001EBL-T Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4001EBL-T Datasheet HTML 1Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 2Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 3Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 4Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 5Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 6Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 7Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 8Page - Maxim Integrated Products MAX4001EBL-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
2.5GHz 45dB RF-Detecting Controllers
_______________________________________________________________________________________
3
Note 1: All devices are 100% production tested at TA = +25°C and are guaranteed by design for TA = -40°C to +85°C as specified.
All production AC testing is done at 100MHz.
Note 2: Typical value only, set-point input voltage range determined by logarithmic slope and logarithmic intercept.
Note 3: Set-point slew rate is the rate at which the reference level voltage, applied to the inverting input of the gm stage, responds to
a voltage step at the SET pin (see Figure 1).
Note 4: Typical min/max range for detector.
Note 5: MAX4000 internally AC-coupled.
Note 6: MAX4001/MAX4002 are internally resistive-coupled to VCC.
ELECTRICAL CHARACTERISTICS
(VCC = 3V, SHDN = 1.8V, fRF = 100MHz to 2.5GHz, TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Input Frequency
fRF
100
2500
MHz
MAX4000
-58
-13
MAX4001
-48
-3
RF Input Voltage Range
(Note 4)
VRF
MAX4002
-43
+2
dBV
MAX4000
-45
0
MAX4001
-35
+10
Equivalent Power Range
(50
Ω Terminated) (Note 4)
PRF
MAX4002
-30
+15
dBm
fRF = 100MHz
22.5
25.5
28.5
fRF = 900MHz
25
Logarithmic Slope
VS
fRF = 1900MHz
29
mV/dB
MAX4000
-62
-55
-49
MAX4001
-52
-45
-39
fRF = 100MHz
MAX4002
-47
-40
-34
MAX4000
-57
MAX4001
-48
fRF = 900MHz
MAX4002
-43
MAX4000
-56
MAX4001
-45
Logarithmic Intercept
PX
fRF = 1900MHz
MAX4002
-41
dBm
RF INPUT INTERFACE
DC Resistance
RDC
MAX4001/MAX4002, connected to VCC
(Note 5)
2k
Inband Resistance
RIB
2k
Inband Capacitance
CIB
MAX4000, internally AC-coupled
(Note 6)
0.5
pF


Similar Part No. - MAX4001EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4001EBL-T MAXIM-MAX4001EBL-T Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
More results

Similar Description - MAX4001EBL-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4000 MAXIM-MAX4000_V01 Datasheet
692Kb / 19P
   2.5GHz 45dB RF-Detecting Controllers
19-2288; Rev 2; 12/07
MAX9930 MAXIM-MAX9930_09 Datasheet
268Kb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 1; 3/09
MAX9930 MAXIM-MAX9930 Datasheet
232Kb / 15P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
Rev 0; 8/07
MAX9930 MAXIM-MAX9930_V01 Datasheet
1Mb / 16P
   2MHz to 1.6GHz 45dB RF-Detecting Controllers and RF Detector
2015
logo
Linear Technology
LTC4401-1 LINER-LTC4401-1_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4401-2 LINER-LTC4401-2_15 Datasheet
196Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-2 LINER-LTC4400-2_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1 Datasheet
186Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
LTC4401-1 LINER-LTC4401-1 Datasheet
190Kb / 16P
   RF Power Controllers with 250kHz Loop BW and 45dB Dynamic Range
LTC4400-1 LINER-LTC4400-1_15 Datasheet
197Kb / 16P
   RF Power Controllers with 450kHz Loop BW and 45dB Dynamic Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com