Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4005CSA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4005CSA
Description  950MHz FET-Input Buffer with 75??Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4005CSA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4005CSA Datasheet HTML 1Page - Maxim Integrated Products MAX4005CSA Datasheet HTML 2Page - Maxim Integrated Products MAX4005CSA Datasheet HTML 3Page - Maxim Integrated Products MAX4005CSA Datasheet HTML 4Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
_______________General Description
The MAX4005 is a ±5V, single-ended unity-gain buffer
with a high-impedance JFET input, intended to drive a
75
Ω load. A 75Ω thin-film output resistor is included on-
board to minimize reflections when driving a 75
Ω load
through a transmission line of arbitrary length. Gain in
this configuration is 0.5.
________________________Applications
Video Buffer / Line Driver
Isolation Between High-Impedance Node
and Low-Impedance Instrument
Remote Signal Sensing
Impedance Transformation
Fanout Multiplier for 75
Ω Distribution Systems
____________________________Features
o 950MHz Bandwidth
o 350ps Rise/Fall Times
o 0.11%/0.03° Differential Gain/Phase Error
o 1000V/µs Slew Rate
o 10pA Input Bias Current
o 75
Ω Output Impedance
______________Ordering Information
950MHz FET-Input Buffer with 75
Output
________________________________________________________________
Maxim Integrated Products
1
1
2
3
4
8
7
6
5
VEE
PEAK
OUT
VCCO
VCC
GND
IN
VEE
MAX4005
SO
TOP VIEW
__________________Pin Configuration
MAX4005
N.C.
OUT
INPUT
+5V
-5V
-5V
+5V
Z = 75
RL = 75Ω
1
2
3
4
5
6
7
8
__________Typical Operating Circuit
Call toll free 1-800-998-8800 for free samples or literature.
19-0315; Rev 0; 10/94
PART
MAX4005CSA
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
8 SO


Similar Part No. - MAX4005CSA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40056EVKIT MAXIM-MAX40056EVKIT Datasheet
659Kb / 7P
   Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40056F MAXIM-MAX40056F Datasheet
659Kb / 7P
   Precision Real-Time Current-Monitoring with Fault Detection
319-100264; Rev 1; 12/18
MAX40056F MAXIM-MAX40056F Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
MAX40056FAUA++ MAXIM-MAX40056FAUA+ Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
MAX40056FAUA/V++ MAXIM-MAX40056FAUA/V+ Datasheet
1Mb / 24P
   Bidirectional Current Sense Amplifier with PWM-Rejection
2021
More results

Similar Description - MAX4005CSA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LH4004 NSC-LH4004 Datasheet
233Kb / 6P
   WIDEBAND FET - INPUT BUFFER / AMPLIFIER
logo
Texas Instruments
SN75C08 TI1-SN75C08 Datasheet
90Kb / 7P
[Old version datasheet]   SCSI INPUT/OUTPUT BUFFER
logo
Lineage Power Corporati...
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
   36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
   36 - 75 Vdc Input; 28Vdc Output; 350W Output
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
   36 - 75 Vdc Input; 28Vdc Output; 500W Output
logo
Rohm
BU16025MUV ROHM-BU16025MUV_11 Datasheet
427Kb / 17P
   1 for input 1 output buffer (Sync with OE)
logo
Lineage Power Corporati...
JHW250S30R21-18T LINEAGEPOWER-JHW250S30R21-18T Datasheet
709Kb / 14P
   36 - 75 Vdc Input; 30.2Vdc Output; 250W
logo
Rohm
BU16024KV ROHM-BU16024KV Datasheet
485Kb / 18P
   1 for input 1 output buffer with Termination sense correspondence
logo
National Semiconductor ...
DM7439 NSC-DM7439 Datasheet
82Kb / 4P
   DM7439 Quad 2-Input NAND Buffer with Open-Collector Output
logo
List of Unclassifed Man...
MSK0033 ETC1-MSK0033 Datasheet
449Kb / 6P
   FET INPUT HIGH SPEED VOLTAGE FOLLOWER/BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com