Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74LVC240A Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74LVC240A
Description  Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC240A Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74LVC240A_15 Datasheet HTML 2Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 3Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 4Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 5Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 6Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 7Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 8Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 9Page - NXP Semiconductors 74LVC240A_15 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
74LVC240A
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 8 — 29 November 2011
6 of 17
NXP Semiconductors
74LVC240A
Octal buffer/line driver with 5 V tolerant inputs/outputs; inverting;
3-state
[1]
All typical values are measured at VCC = 3.3 V (unless stated otherwise) and Tamb =25 C.
10. Dynamic characteristics
IOZ
OFF-state
output
current
VI =VIH or VIL; VCC = 3.6 V;
VO =5.5 V orGND;
-
0.1
10
-
20
A
IOFF
power-off
leakage
current
VCC = 0 V; VI or VO = 5.5 V
-
0.1
10
-
20
A
ICC
supply
current
VCC = 3.6 V; VI =VCC or GND;
IO =0A
-0.1
10
-
40
A
I
CC
additional
supply
current
per input pin;
VCC = 2.7 V to 3.6 V;
VI =VCC  0.6 V; IO =0A
-
5
500
-
5000
A
CI
input
capacitance
VCC = 0 V to 3.6 V;
VI =GND to VCC
-5.0
-
-
-
pF
Table 6.
Static characteristics …continued
At recommended operating conditions. Voltages are referenced to GND (ground = 0 V).
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C
Unit
Min
Typ[1]
Max
Min
Max
Table 7.
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V). For test circuit see Figure 8.
Symbol Parameter
Conditions
40 C to +85 C
40 C to +125 C Unit
Min
Typ[1]
Max
Min
Max
tpd
propagation
delay
1An to 1Yn; 2An to 2Yn; see Figure 6
[2]
VCC = 1.2 V
-
16
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.0
5.7
12.7
1.0
14.6
ns
VCC = 2.3 V to 2.7 V
0.5
3.0
6.6
0.5
7.6
ns
VCC = 2.7 V
1.5
3.1
7.0
1.5
9.0
ns
VCC = 3.0 V to 3.6 V
1.3
2.6
5.5
1.3
7.0
ns
ten
enable time
1OE to 1Yn; 2OE to 2Yn; see Figure 7
[2]
VCC = 1.2 V
-
19
-
-
-
ns
VCC = 1.65 V to 1.95 V
1.5
6.3
15.9
1.5
18.3
ns
VCC = 2.3 V to 2.7 V
1.5
3.6
8.8
1.5
10.1
ns
VCC = 2.7 V
1.0
3.7
8.5
1.0
11.0
ns
VCC = 3.0 V to 3.6 V
1.1
2.9
7.0
1.1
9.0
ns
tdis
disable time
1OE to 1Yn; 2OE to 2Yn; see Figure 7
[2]
VCC = 1.2 V
-
17
-
-
-
ns
VCC = 1.65 V to 1.95 V
2.3
4.1
9.9
2.3
11.4
ns
VCC = 2.3 V to 2.7 V
1.0
3.4
5.6
1.0
6.5
ns
VCC = 2.7 V
1.5
3.1
7.5
1.5
9.5
ns
VCC = 3.0 V to 3.6 V
1.4
2.9
6.0
1.4
7.5
ns
tsk(o)
output skew
time
VCC =3.0 V to 3.6 V
[3]
-
-
1.0
-
1.5
ns


Similar Part No. - 74LVC240A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC240AD PHILIPS-74LVC240AD Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
74LVC240ADB PHILIPS-74LVC240ADB Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
ON Semiconductor
74LVC240ADTR2G ONSEMI-74LVC240ADTR2G Datasheet
94Kb / 9P
   Low-Voltage CMOS Quad 2-Input NAND Gate
October, 2015 ??Rev. 0
logo
NXP Semiconductors
74LVC240APW PHILIPS-74LVC240APW Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
Diodes Incorporated
74LVC240AQ20 DIODES-74LVC240AQ20 Datasheet
472Kb / 10P
   SINGLE 2 INPUT POSITIVE NAND GATE
More results

Similar Description - 74LVC240A_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC240A PHILIPS-74LVC240A Datasheet
96Kb / 11P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs; inverting 3-State
1998 May 20
logo
Nexperia B.V. All right...
74LVC541A NEXPERIA-74LVC541A Datasheet
253Kb / 13P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 6 - 27 August 2021
74LVC541A-Q100 NEXPERIA-74LVC541A-Q100 Datasheet
713Kb / 16P
   Octal buffer/line driver with 5 V tolerant inputs/outputs;3-state
logo
NXP Semiconductors
74LVC244A PHILIPS-74LVC244A_03 Datasheet
103Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs (3-state)
2003 Oct 30
74LVC541A PHILIPS-74LVC541A_15 Datasheet
294Kb / 17P
   Octal buffer/line driver with 5 V tolerant inputs/outputs; 3-state
Rev. 4-25 November 2011
74LVC2G240 PHILIPS-74LVC2G240 Datasheet
90Kb / 20P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
2003 Mar 11
logo
Nexperia B.V. All right...
74LVC16240A-Q100 NEXPERIA-74LVC16240A-Q100 Datasheet
209Kb / 12P
   16-bit buffer/line driver with 5 V tolerant inputs/outputs; inverting; 3-state
logo
NXP Semiconductors
74LVC241A PHILIPS-74LVC241A Datasheet
96Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 May 20
74LVC541A PHILIPS-74LVC541A Datasheet
94Kb / 10P
   Octal buffer/line driver with 5-volt tolerant inputs/outputs 3-State
1998 Jul 29
74LVC2G241 PHILIPS-74LVC2G241 Datasheet
103Kb / 18P
   Dual buffer/line driver with 5 V tolerant inputs/outputs; 3-state
2005 Feb 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com