Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4014 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4014
Description  Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4014 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4014 Datasheet HTML 1Page - Maxim Integrated Products MAX4014 Datasheet HTML 2Page - Maxim Integrated Products MAX4014 Datasheet HTML 3Page - Maxim Integrated Products MAX4014 Datasheet HTML 4Page - Maxim Integrated Products MAX4014 Datasheet HTML 5Page - Maxim Integrated Products MAX4014 Datasheet HTML 6Page - Maxim Integrated Products MAX4014 Datasheet HTML 7Page - Maxim Integrated Products MAX4014 Datasheet HTML 8Page - Maxim Integrated Products MAX4014 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Low-Cost, High-Speed, Single-Supply, Gain of +2
Buffers with Rail-to-Rail Outputs in SOT23
_______________________________________________________________________________________
5
20
-80
100k
1M
10M
100M
POWER-SUPPLY REJECTION
vs. FREQUENCY
-60
FREQUENCY (Hz)
-40
-20
0
10
-70
-50
-30
-10
7
6
4
5
3
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
POWER-SUPPLY CURRENT (PER AMPLIFIER)
vs. TEMPERATURE
10
1
1
10
1k
10M
1M
CURRENT NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
10k 100k
100
10
1
1
10
1k
10M
1M
VOLTAGE NOISE DENSITY
vs. FREQUENCY
FREQUENCY (Hz)
100
10k 100k
5
2
10
100
1k
10k
100k
1M
OUTPUT SWING
vs. LOAD RESISTANCE
LOAD RESISTANCE (
Ω)
3
4
4.5
4.0
3.5
2.5
2.0
1.5
3.0
1.0
LOAD RESISTANCE (
Ω)
25
50
75
100
125
150
OUTPUT SWING
vs. LOAD RESISTANCE (RL)
400
350
300
250
150
50
100
200
0
LOAD RESISTANCE (
Ω)
100
0
200
500
400
300
600
BANDWIDTH
vs. LOAD RESISTANCE
6.0
5.5
4.5
5.0
4.0
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
INPUT BIAS CURRENT
vs. TEMPERATURE
0.20
0.16
0.12
0.04
0.08
0
TEMPERATURE (°C)
-25
-50
0
75
50
25
100
INPUT OFFSET CURRENT
vs. TEMPERATURE
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = 0V, AVCL = +2, RL = 150Ω to VCC / 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX40108 MAXIM-MAX40108 Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT MAXIM-MAX40108EVKIT Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
MAX40108EVKIT# MAXIM-MAX40108EVKIT# Datasheet
404Kb / 7P
   Accommodates Multiple Op Amp Configurations
319-100550; Rev 0; 6/20
logo
Analog Devices
MAX40109 AD-MAX40109 Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
MAX40109IATP++ AD-MAX40109IATP+ Datasheet
1Mb / 59P
   Precision Signal Conditioning AFE for Pressure Sensor Applications
Rev 0; 12/23
More results

Similar Description - MAX4014

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com