Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PB_CMLM0575-1509 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # PB_CMLM0575-1509
Description  20V, 650mA MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

PB_CMLM0575-1509 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  PB_CMLM0575-1509 Datasheet HTML 1Page - Central Semiconductor Corp PB_CMLM0575-1509 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Reel Packing Information
Mechanical Drawing - SOT-563
Sample devices available upon request. To order samples of these devices visit: www.centralsemi.com/info/CMLM05
PB CMLM0575
For further information contact:
Sales at Central Semiconductor Corp.
(631) 435-1110 or visit our website at:
www.centralsemi.com
Innovative Discrete
Semiconductors
Tape Dimensions and Orientation (Dimensions in mm)
Pinouts
Tape Width: 8mm
Direction of Unreeling
Marking Codes:
CMLM0575: 75C
CMLM0585: 85C
LEAD CODE:
1)
Gate Q1
2)
Source Q1
3)
Cathode D1
4)
Anode D1
5)
Anode D1
6)
Drain Q1
* Devices are taped in
accordance with
Electronic Industries
Association Standard
EIA-481-2-A
CMLM0575
CMLM0585
Packaging Base / Ordering Information
Reel Size
Quantity
Central
Item No.
7”
3,000
CMLM0575 TR
CMLM0585 TR
145 Adams Avenue
Hauppauge New York 11788 USA Tel:(631) 435-1110 Fax:(631) 435-1824
Multi Discrete Module
CMLM0575 (N-Channel + Diode)
CMLM0585 (P-Channel + Diode)
20V, 650mA MOSFET and
40V, 500mA Low VF Schottky Diode
Reel
Size
Reels per Box
(Maximum)
Parts per Box
(Maximum)
Box Dimensions
Shipping Weight (Max.)
INCH
CM
LB
KG
7”
3
9
18
40
108
9,000
27,000
54,000
120,000
324,000
8x7x2
9x9x5
9x9x9
21x9x9
27x9x17
20x18x5
23x23x13
23x23x23
53x23x23
69x23x43
1
3
6
13
34
1
2
3
6
16


Similar Part No. - PB_CMLM0575-1509

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB-CMLDM3737_1509 CENTRAL-PB-CMLDM3737_1509 Datasheet
1Mb / 2P
   Dual, Complementary MOSFETs
PB-CMLDM7005_1509 CENTRAL-PB-CMLDM7005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, Complementary MOSFETs
PB-CMLSH05-10DA_1509 CENTRAL-PB-CMLSH05-10DA_1509 Datasheet
1Mb / 2P
   500mA, 100V Dual, Isolated Opposing
More results

Similar Description - PB_CMLM0575-1509

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
PB-CMKDM8005_1509 CENTRAL-PB-CMKDM8005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, P-Channel MOSFET
PB-CMLDM7005_1509 CENTRAL-PB-CMLDM7005_1509 Datasheet
1Mb / 2P
   20V, 650mA Dual, Complementary MOSFETs
CMUDM7005_8005 CENTRAL-CMUDM7005_8005 Datasheet
1Mb / 2P
   20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package
CMLDM7005_8005_7585 CENTRAL-CMLDM7005_8005_7585 Datasheet
1Mb / 2P
   20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package
logo
Leshan Radio Company
LP2035LT1G LRC-LP2035LT1G Datasheet
947Kb / 5P
   20V P-Channel MOSFET VDS =-20V
logo
Alpha & Omega Semicondu...
AO6604 AOSMD-AO6604 Datasheet
773Kb / 9P
   20V Complementary MOSFET
AO6608 AOSMD-AO6608 Datasheet
387Kb / 9P
   20V Complementary MOSFET
logo
GOOD-ARK Electronics
SSF8421 GOOD-ARK-SSF8421 Datasheet
539Kb / 4P
   20V Complementary MOSFET
SSF2145CH6 GOOD-ARK-SSF2145CH6_15 Datasheet
276Kb / 5P
   20V Complementary MOSFET
SSF2145CH6 GOOD-ARK-SSF2145CH6 Datasheet
282Kb / 5P
   20V Complementary MOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com