Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFB7430PBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFB7430PBF
Description  Brushed Motor drive applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB7430PBF Datasheet(HTML) 1 Page - International Rectifier

  IRFB7430PBF_15 Datasheet HTML 1Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 2Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 3Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 4Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 5Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 6Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 7Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 8Page - International Rectifier IRFB7430PBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
HEXFET® Power MOSFET
GD
S
Gate
Drain
Source
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Maximum Drain Current vs. Case Temperature
Benefits
l Improved Gate, Avalanche and Dynamic dV/dt
Ruggedness
l Fully Characterized Capacitance and Avalanche
SOA
l Enhanced body diode dV/dt and dI/dt Capability
l Lead-Free
l RoHS Compliant, Halogen-Free*
Applications
l Brushed Motor drive applications
l BLDC Motor drive applications
l Battery powered circuits
l Half-bridge and full-bridge topologies
l Synchronous rectifier applications
l Resonant mode power supplies
l OR-ing and redundant power switches
l DC/DC and AC/DC converters
l DC/AC Inverters
TO-220AB
IRFB7430PbF
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
100
200
300
400
500
Limited By Package
S
D
G
D
VDSS
40V
RDS(on) typ.
1.0m
Ω
max.
1.3m
Ω
ID (Silicon Limited)
409A
c
ID (Package Limited)
195A
D
S
G
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0.0
2.0
4.0
6.0
ID = 100A
TJ = 25°C
TJ = 125°C
Ordering Information
Form
Quantity
IRFB7430PbF
TO-220
Tube
50
IRFB7430PbF
Base Part Number
Package Type
Standard Pack
Complete Part Number
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
February 19, 2015
StrongIRFETTM
IRFB7430PbF


Similar Part No. - IRFB7430PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB7430PBF IRF-IRFB7430PBF Datasheet
262Kb / 9P
   HEXFETPower MOSFET
logo
Kersemi Electronic Co.,...
IRFB7430PBF KERSEMI-IRFB7430PBF Datasheet
905Kb / 8P
   Brushed Motor drive applications
More results

Similar Description - IRFB7430PBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7946PBF IRF-IRF7946PBF_15 Datasheet
295Kb / 12P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202_15 Datasheet
526Kb / 10P
   Brushed Motor drive applications
IRFB7545PBF IRF-IRFB7545PBF_15 Datasheet
532Kb / 10P
   Brushed motor drive applications
IRFB7740PBF IRF-IRFB7740PBF_15 Datasheet
527Kb / 10P
   Brushed Motor drive applications
IRFP7430PBF IRF-IRFP7430PBF_15 Datasheet
263Kb / 10P
   Brushed Motor drive applications
IRFP7718PBF IRF-IRFP7718PBF_15 Datasheet
564Kb / 10P
   Brushed Motor drive applications
IRFS7434PBF IRF-IRFS7434PBF_15 Datasheet
310Kb / 12P
   Brushed Motor drive applications
IRFS7440PBF IRF-IRFS7440PBF_15 Datasheet
307Kb / 12P
   Brushed Motor drive applications
IRFS7734-7PPBF IRF-IRFS7734-7PPBF_15 Datasheet
584Kb / 11P
   Brushed Motor drive applications
IRL60B216 IRF-IRL60B216_15 Datasheet
725Kb / 10P
   Brushed Motor drive applications
IRF100B202 IRF-IRF100B202 Datasheet
526Kb / 10P
   Brushed Motor drive applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com