Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD2C331 Datasheet(PDF) 6 Page - Solid State Optronic

Part # AD2C331
Description  Compact 4 pin DIP/SMD Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD2C331 Datasheet(HTML) 6 Page - Solid State Optronic

  AD2C331 Datasheet HTML 1Page - Solid State Optronic AD2C331 Datasheet HTML 2Page - Solid State Optronic AD2C331 Datasheet HTML 3Page - Solid State Optronic AD2C331 Datasheet HTML 4Page - Solid State Optronic AD2C331 Datasheet HTML 5Page - Solid State Optronic AD2C331 Datasheet HTML 6Page - Solid State Optronic AD2C331 Datasheet HTML 7Page - Solid State Optronic AD2C331 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 6 of 8
AD2C331 H/S/TR
Rev 2.00 (11/25/2013)
001736
AD2C331
1 Form A
250V / 10Ω
MOSFET Output Solid State Relay
AD2C331 Package Dimensions
4 PIN SMD Surface Mount Package (-S)
Note: All dimensions in millimeters with inches [“] in parenthesis ()


Similar Part No. - AD2C331

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C101 SSOUSA-AD2C101 Datasheet
242Kb / 5P
   Solid State Relay
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   High Blocking Voltage (600V)
AD2C101 SSOUSA-AD2C101_15 Datasheet
242Kb / 5P
   1 Form A Solid State Relay
AD2C111 SSOUSA-AD2C111 Datasheet
300Kb / 5P
   Solid State Relay
AD2C111-L SSOUSA-AD2C111-L Datasheet
249Kb / 5P
   Solid State Relay with Current Limiting
More results

Similar Description - AD2C331

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C542 SSOUSA-AD2C542 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C741 SSOUSA-AD2C741 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
   Compact 6 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com