Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX393EJE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX393EJE
Description  Precision, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX393EJE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX393EJE Datasheet HTML 1Page - Maxim Integrated Products MAX393EJE Datasheet HTML 2Page - Maxim Integrated Products MAX393EJE Datasheet HTML 3Page - Maxim Integrated Products MAX393EJE Datasheet HTML 4Page - Maxim Integrated Products MAX393EJE Datasheet HTML 5Page - Maxim Integrated Products MAX393EJE Datasheet HTML 6Page - Maxim Integrated Products MAX393EJE Datasheet HTML 7Page - Maxim Integrated Products MAX393EJE Datasheet HTML 8Page - Maxim Integrated Products MAX393EJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Precision, Quad, SPST Analog Switches
2
_______________________________________________________________________________________
Voltage Referenced to V-
V+ .......................................................................-0.3V to +17V
GND....................................................................-0.3V to +17V
GND..........................................................-0.3V to (V+ + 0.3V)
VIN, VCOM, VNC, VNO (Note 1) ........................................V- to V+
Current (any terminal) .........................................................30mA
Peak Current, COM, NO, NC
(pulsed at 1ms, 10% duty cycle max) ..........................100mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above+70°C) ...........842mW
Narrow SO (derate 8.70mW/°C above +70°C) ............696mW
TSSOP (derate 6.7mW/°C above +70°C) ....................457mW
CERDIP (derate 10.00mW/°C above +70°C) ...............800mW
Operating Temperature Ranges
MAX39_C_ _ .......................................................0°C to +70°C
MAX39_E_ _.....................................................-40°C to +85°C
MAX39_M_ _ ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +5V ±10%, V- = -5V ±10%, GND = 0V, VINH = 2.4V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1:
Signals on NC, NO, COM, or IN exceeding V+ or V- are clamped by internal diodes. Limit forward diode current to maxi-
mum current rating.
ABSOLUTE MAXIMUM RATINGS
-5.0
5.0
-20
20
COM On Leakage Current
(Note 6)
nA
PARAMETER
SYMBOL
MIN
TYP
MAX
(Note 2)
UNITS
On-Resistance
RON
45
20
35
0.3
2
On-Resistance Match Between
Channels (Note 4)
∆RON
Analog Signal Range
VCOM,
VNO,
VNC
V-
V+
V
On-Resistance Flatness
(Note 5)
RFLAT(ON)
14
-0.1
0.01
0.1
NO or NC Off Leakage Current
(Note 6)
INO(OFF)
or
INC(OFF)
nA
-2.5
2.5
COM Off Leakage Current
(Note 6)
-2.5
2.5
nA
ICOM(OFF)
ICOM(ON)
CONDITIONS
V+ = 5V, V- = -5V,
ICOM = -10mA,
VNO or VNC = ±3V
V+ = 4.5V,
V- = -4.5V,
ICOM = -10mA,
VNO or VNC = ±3.5V
V+ = 5V, V- = -5V,
ICOM = -10mA,
VNO or VNC = ±3V
V+ = 5.5V,
V- = -5.5V,
VCOM = ±4.5V,
VNO or VNC =
4.5V
(Note 3)
V+ = 5.5V,
V- = -5.5V,
VCOM = ±4.5V,
VNO or VNC =
4.5V
V+ = 5.5V,
V- = -5.5V,
VCOM = ±4.5V,
VNO or VNC = ±4.5V
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA = +25°C
TA = TMIN
to TMAX
TA =
+25°C
TA = TMIN to TMAX
C, E
C, E
C, E
TA = TMIN to TMAX
TA = TMIN to TMAX
M
M
M
4
6
-0.1
0.01
0.1
-5
5
-5
5
-0.2
0.01
0.2
C, E
M
20
30
ANALOG SWITCH


Similar Part No. - MAX393EJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3930 MAXIM-MAX3930 Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930D MAXIM-MAX3930D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3930E MAXIM-MAX3930E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931D MAXIM-MAX3931D Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
MAX3931E MAXIM-MAX3931E Datasheet
849Kb / 14P
   10.7Gbps Laser Diode Drivers
Rev 3; 3/02
More results

Similar Description - MAX393EJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX364 MAXIM-MAX364_04 Datasheet
357Kb / 13P
   Precision, Quad, SPST Analog Switches
Rev 2; 6/04
logo
Pericom Semiconductor C...
PS391ESE PERICOM-PS391ESE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361 Datasheet
99Kb / 8P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
logo
Pericom Semiconductor C...
PS391 PERICOM-PS391 Datasheet
270Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX351 MAXIM-MAX351_V01 Datasheet
457Kb / 13P
   Precision, Quad, SPST Analog Switches
19-0212; Rev 2; 9/01
MAX364 MAXIM-MAX364_01 Datasheet
334Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 9/01
logo
Pericom Semiconductor C...
PS391ESEE PERICOM-PS391ESEE Datasheet
271Kb / 12P
   Precision, Quad, SPST, Analog Switches
logo
Maxim Integrated Produc...
MAX361 MAXIM-MAX361_V01 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX351 MAXIM-MAX351 Datasheet
101Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 1; 4/94
MAX364 MAXIM-MAX364 Datasheet
89Kb / 12P
   Precision, Quad, SPST Analog Switches
Rev 0; 9/93
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com