Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4022ESD Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4022ESD
Description  Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4022ESD Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4022ESD Datasheet HTML 4Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 5Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 6Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 7Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 8Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 9Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 10Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 11Page - Maxim Integrated Products MAX4022ESD Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Low-Cost, High-Speed, Single-Supply, Gain of +2
Buffers with Rail-to-Rail Outputs in SOT23
_______________________________________________________________________________________
9
Input Voltage Range and Output Swing
The input range for the MAX4014 family extends from
(VEE - 100mV) to (VCC - 2.25V). Input ground sensing
increases the dynamic range for single-supply applica-
tions. The outputs drive a 2k
Ω load to within 60mV of
the power-suply rails. With heavier loads, the output
swing is reduced as shown in the
Electrical Character-
istics and the Typical Operating Characteristics. As the
load increases, the input range is effectively limited by
the output-drive capability, since the buffers have a
fixed voltage gain of +2 or -1.
For example, a 50
Ω load can typically be driven from
40mV above VEE to 1.6V below VCC, or 40mV to 3.4V
when operating from a single +5V supply. If the buffer is
operated in the noninverting, gain of +2 configuration
with the inverting input grounded, the effective input
voltage range becomes 20mV to 1.7V, instead of the
-100mV to 2.75V indicated by the
Electrical Character-
istics. Beyond the effective input range, the buffer out-
put is a nonlinear function of the input, but it will not
undergo phase reversal or latchup.
Enable
The MAX4019 has an enable feature (EN_) that allows
the buffer to be placed in a low-power state. When the
buffers are disabled, the supply current will not exceed
550µA per buffer.
As the voltage at the EN_ pin approaches the negative
supply rail, the EN_ input current rises. Figure 2 shows
a graph of EN_ input current versus EN_ pin voltage.
Figure 3 shows the addition of an optional resistor in
series with the EN pin, to limit the magnitude of the cur-
rent increase. Figure 4 displays the resulting EN pin
input current to voltage relationship.
20
-160
0
100
300
500
-100
-120
0
VIL (mV ABOVE VEE)
200
400
-60
-140
-20
-40
-80
Figure 2. Enable Logic-Low Input Current vs. Enable Logic-
Low Threshold
OUT
IN-
EN_
IN+
10k
ENABLE
MAX40_ _
500
500
Figure 3. Circuit to Reduce Enable Logic-Low Input Current
0
-10
0
100
300
500
-7
-8
-1
VIL (mV ABOVE VEE)
200
400
-3
-5
-9
-2
-4
-6
Figure 4. Enable Logic-Low Input Current vs. Enable Logic-
Low Threshold with 10k
Ω Series Resistor


Similar Part No. - MAX4022ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4020 MAXIM-MAX4020 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX40200 MAXIM-MAX40200 Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40200AUK++ MAXIM-MAX40200AUK+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX4022ESD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com