Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFE210 Datasheet(PDF) 5 Page - International Rectifier

Part # IRFE210
Description  Simple Drive Requirements
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE210 Datasheet(HTML) 5 Page - International Rectifier

  IRFE210 Datasheet HTML 1Page - International Rectifier IRFE210 Datasheet HTML 2Page - International Rectifier IRFE210 Datasheet HTML 3Page - International Rectifier IRFE210 Datasheet HTML 4Page - International Rectifier IRFE210 Datasheet HTML 5Page - International Rectifier IRFE210 Datasheet HTML 6Page - International Rectifier IRFE210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.irf.com
5
IRFE210, JANTX2N6784U
Fig 10a. Switching Time Test Circuit
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
Fig 10b. Switching Time Waveforms
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
10V
+
-V
DD
Fig 11. Maximum Effective Transient Thermal Impedance, Junction-to-Case
Fig 9. Maximum Drain Current Vs.
CaseTemperature
25
50
75
100
125
150
0.0
0.5
1.0
1.5
2.0
2.5
T , Case Temperature ( C)
°
C
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
10
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJC
C
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)


Similar Part No. - IRFE210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE210 IRF-IRFE210 Datasheet
202Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET-R?쏷RANSISTORS SURFACE MOUNT (LCC-18)
More results

Similar Description - IRFE210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
IRLR8103VPBF IRF-IRLR8103VPBF_15 Datasheet
214Kb / 9P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com