Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD4C250 Datasheet(PDF) 3 Page - Solid State Optronic

Part # AD4C250
Description  Two optically isolated SSRs in compact 8 pin DIP package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

AD4C250 Datasheet(HTML) 3 Page - Solid State Optronic

  AD4C250_15 Datasheet HTML 1Page - Solid State Optronic AD4C250_15 Datasheet HTML 2Page - Solid State Optronic AD4C250_15 Datasheet HTML 3Page - Solid State Optronic AD4C250_15 Datasheet HTML 4Page - Solid State Optronic AD4C250_15 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AD4C250
Dual 1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
50
60
0
0.02 0.04 0.06 0.08 0.1 0.12 0.14
Turn-Off Tim e (ms)
AD4C250
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
50
170 180 190 200 210 220 230 240
On-Resistance (ohms)
AD4C250
0
20
40
60
80
0
0.010.030.050.070.090.110.13
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
AD4C250
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
20
40
60
80
260 265 270 275 280 285 290 295
Blocking Voltage (V)
AD4C250
0
10
20
30
40
50
Tem perature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
AD4C250
Maximum Load Current vs. Temperature
0
10
20
30
40
50
0.01 0.03 0.05 0.07 0.09 0.11 0.13 0.15
Turn-On Tim e (ms)
AD4C250
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
AD4C250
rev 1.42 (10/7/2009)
© 2009 Solid State Optronics • San José, CA


Similar Part No. - AD4C250_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C250 SSOUSA-AD4C250 Datasheet
166Kb / 4P
   Dual 1 Form B Solid State Relay
More results

Similar Description - AD4C250_15

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
   Two discrete 1 form A Relays in compact 8 pin DIP package
SM8024 SSOUSA-SM8024 Datasheet
240Kb / 7P
   Compact 8 pin DIP/SMD package
AD2C201 SSOUSA-AD2C201 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C542 SSOUSA-AD6C542 Datasheet
339Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C112 SSOUSA-AD2C112 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
AD2C641 SSOUSA-AD2C641 Datasheet
342Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C742 SSOUSA-AD6C742 Datasheet
347Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C331 SSOUSA-AD2C331 Datasheet
341Kb / 8P
   Compact 4 pin DIP/SMD Package
AD6C201 SSOUSA-AD6C201 Datasheet
346Kb / 8P
   Compact 6 pin DIP/SMD Package
AD2C941 SSOUSA-AD2C941 Datasheet
334Kb / 8P
   Compact 4 pin DIP/SMD Package
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com