Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4022 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4022
Description  Low-Cost, High-Speed, Single-Supply, Gain of 2 Buffers with Rail-to-Rail Outputs in SOT23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4022 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4022 Datasheet HTML 1Page - Maxim Integrated Products MAX4022 Datasheet HTML 2Page - Maxim Integrated Products MAX4022 Datasheet HTML 3Page - Maxim Integrated Products MAX4022 Datasheet HTML 4Page - Maxim Integrated Products MAX4022 Datasheet HTML 5Page - Maxim Integrated Products MAX4022 Datasheet HTML 6Page - Maxim Integrated Products MAX4022 Datasheet HTML 7Page - Maxim Integrated Products MAX4022 Datasheet HTML 8Page - Maxim Integrated Products MAX4022 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Low-Cost, High-Speed, Single-Supply, Gain of +2
Buffers with Rail-to-Rail Outputs in SOT23
4
_______________________________________________________________________________________
8
1
100k
1M
10M
100M
1G
SMALL-SIGNAL GAIN vs. FREQUENCY
3
FREQUENCY (Hz)
5
7
2
4
6
6.8
6.7
5.9
100k
1M
10M
100M
1G
GAIN FLATNESS vs. FREQUENCY
FREQUENCY (Hz)
6.0
6.2
6.5
6.6
6.1
6.4
6.3
6
7
8
0
100k
1M
10M
100M
1G
LARGE-SIGNAL GAIN vs. FREQUENCY
3
FREQUENCY (Hz)
5
2
1
4
50
-150
100k
1M
10M
100M
1G
MAX4017/19/22
CROSSTALK vs. FREQUENCY
-110
FREQUENCY (Hz)
-70
-30
10
30
-130
-90
-50
-10
0
-10
-20
-30
-60
-70
-90
-80
-40
-50
-100
LOAD (
Ω)
0
200
400
600
800
1000
HARMONIC DISTORTION
vs. LOAD
f = 5MHz
VOUT = 2Vp-p
3rd HARMONIC
2rd HARMONIC
1000
0.1
0.1M
1M
10M
100M
CLOSED-LOOP OUTPUT IMPEDANCE
vs. FREQUENCY
FREQUENCY (Hz)
100
1
10
0
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY
-80
FREQUENCY (Hz)
-60
-40
-20
-10
-90
-70
-50
-30
VOUT = 2Vp-p
2ND HARMONIC
3RD HARMONIC
0
-10
-20
-30
-60
-70
-90
-80
-40
-50
-100
OUTPUT SWING (Vp-p)
0.5
1.0
1.5
2.0
HARMONIC DISTORTION
vs. OUTPUT SWING
f = 5MHz
3RD HARMONIC
2ND HARMONIC
10
-90
100k
10M
100M
1M
MAX4019
OFF ISOLATION vs. FREQUENCY
-80
FREQUENCY (Hz)
-70
-60
-50
-40
-30
-20
-10
0
__________________________________________Typical Operating Characteristics
(VCC = +5V, VEE = 0V, AVCL = +2, RL = 150Ω to VCC / 2, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4020 MAXIM-MAX4020 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX40200 MAXIM-MAX40200 Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
566Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode
Rev 0; 12/16
MAX40200ANS++ MAXIM-MAX40200ANS+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
MAX40200AUK++ MAXIM-MAX40200AUK+ Datasheet
488Kb / 14P
   Ultra-Tiny Micropower, 1A Ideal Diode with Ultra-Low Voltage Drop
2020
More results

Similar Description - MAX4022

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4012 MAXIM-MAX4012 Datasheet
196Kb / 16P
   Low-Cost, High-Speed, SOT23, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 0; 7/97
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
MAX4450 MAXIM-MAX4450_09 Datasheet
471Kb / 15P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 4; 11/09
MAX4450 MAXIM-MAX4450 Datasheet
456Kb / 12P
   Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs
Rev 2; 1/00
logo
Analog Devices
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD8051ART AD-AD8051ART Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8051 AD-AD8051_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
AD8052 AD-AD8052_15 Datasheet
579Kb / 25P
   Low Cost, High Speed, Rail-to-Rail Amplifiers
Rev. J
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com