Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130085-0364 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 130085-0364
Description  Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130085-0364 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  130085-0364 Datasheet HTML 1Page - Molex Electronics Ltd. 130085-0364 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130085-0364

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130085-0361 MOLEX11-130085-0361 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0363 MOLEX11-130085-0363 Datasheet
52Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0366 MOLEX11-130085-0366 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0368 MOLEX11-130085-0368 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs.,
More results

Similar Description - 130085-0364

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1300850364 MOLEX11-1300850364 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
1300850366 MOLEX11-1300850366 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0368 MOLEX11-130085-0368 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs.,
130085-0370 MOLEX11-130085-0370 Datasheet
52Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0376 MOLEX11-130085-0376 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0373 MOLEX11-130085-0373 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0377 MOLEX11-130085-0377 Datasheet
52Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
130085-0379 MOLEX11-130085-0379 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
1300850376 MOLEX11-1300850376 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
1300850359 MOLEX11-1300850359 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
1300850373 MOLEX11-1300850373 Datasheet
37Kb / 2P
   Woodhead POW-R-MATIC Heavy Duty Cable Reel with Retraction Weight of 7lbs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com