Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSTM-S3-T2 Datasheet(PDF) 4 Page - Connor-Winfield Corporation

Part # MSTM-S3-T2
Description  Stratum 3 Timing Module
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

MSTM-S3-T2 Datasheet(HTML) 4 Page - Connor-Winfield Corporation

  MSTM-S3-T2 Datasheet HTML 1Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 2Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 3Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 4Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 5Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 6Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 7Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 8Page - Connor-Winfield Corporation MSTM-S3-T2 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Data Sheet #: TM053
Page 4 of 20
Rev: 00
Date: 5 / 14 / 03
© Copyright 2003 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Pin Description
Table 5
Pin #
Connection
Description
1
HOLD OVER
Indicator output. High output when Hold Over mode is selected by control pins.
2
REF 1
Indicator output. High output when Ref 1 mode is selected by control pins.
3
REF 2
Indicator output. High output when Ref 2 mode is selected by control pins.
4
FREE RUN
Indicator output. High output when Free Run mode is selected by control pins.
5
GND
Ground
6
ALARM _OUT
Alarm output. High output if module is in Free Run, or Hold Over, or LOR, or LOL, or
PLL_TVL mode.
7
CNTL A
Mode control input
8
CNTL B
Mode control input
9
PLL_TVL
Tuning Voltage Limit alarm output. High output when Sync_Out is near the extreme
10% ranges of the Pull-in/Hold-in range.
10
GND
Ground
11
SYNC_OUT
Primary timing output signal. Signal is synchronized to reference.
12
GND
Ground
13
CLK_OUT
Stratum 3 TCXO output (non-synchronized output, Frequency = SYNC_OUT)
14
GND
Ground
15
EX_REF_2
External Input Reference #2
16
GND
Ground
17
EX_REF_1
External Input Reference #1
18
V
CC
+5V dc supply
Typical Application
Figure 2
RCV
RCV
Clockout
Clockout
MUX
#1
#N
S
Y
MUX
#1
#N
S
Y
CW’s STM/MSTM module
Timing Card #1
CW’s SCG
2500/4500
Line Card #1
CW’s SCG
2500/4500
Line Card #N
CW’s STM/MSTM module
Timing Card #2
System Select
BITS
System
Signal
Input Select


Similar Part No. - MSTM-S3-T2

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-T2-FD CONNOR-WINFIELD-MSTM-S3-T2-FD Datasheet
302Kb / 8P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2NC CONNOR-WINFIELD-MSTM-S3-T2NC Datasheet
248Kb / 7P
   STRATUM 3 SIMPLIFIED CONTROL TIMING MODULES
More results

Similar Description - MSTM-S3-T2

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MSTM-S3-IT3-19.44M CONNOR-WINFIELD-MSTM-S3-IT3-19.44M Datasheet
1Mb / 16P
   Stratum 3 Timing Module
STL-S3 CONNOR-WINFIELD-STL-S3 Datasheet
1Mb / 24P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-T2F1 CONNOR-WINFIELD-MSTM-S3-T2F1 Datasheet
884Kb / 16P
   Stratum 3 Timing Module
MSTM-S3-IT3 CONNOR-WINFIELD-MSTM-S3-IT3 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
MSTM-S3-TR CONNOR-WINFIELD-MSTM-S3-TR_15 Datasheet
1Mb / 16P
   Stratum 3 Timing Module
logo
Zarlink Semiconductor I...
ZL30461 ZARLINK-ZL30461 Datasheet
465Kb / 53P
   COMPACT STRATUM 3 TIMING MODULE
logo
List of Unclassifed Man...
STM-S3E ETC1-STM-S3E Datasheet
837Kb / 16P
   Stratum 3E Timing Module
logo
Connor-Winfield Corpora...
STL-S3E CONNOR-WINFIELD-STL-S3E Datasheet
975Kb / 24P
   Stratum 3E Timing Module
STM-S3E CONNOR-WINFIELD-STM-S3E Datasheet
835Kb / 16P
   Stratum 3E Timing Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com