Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4053A Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4053A
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4053A Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4053A Datasheet HTML 1Page - Maxim Integrated Products MAX4053A Datasheet HTML 2Page - Maxim Integrated Products MAX4053A Datasheet HTML 3Page - Maxim Integrated Products MAX4053A Datasheet HTML 4Page - Maxim Integrated Products MAX4053A Datasheet HTML 5Page - Maxim Integrated Products MAX4053A Datasheet HTML 6Page - Maxim Integrated Products MAX4053A Datasheet HTML 7Page - Maxim Integrated Products MAX4053A Datasheet HTML 8Page - Maxim Integrated Products MAX4053A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual Supplies (continued)
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
TA = +25°C
M
-100
100
MAX4051A
-1
0.002
1
C, E
C, E
TA = +25°C
CONDITIONS
-0.1
0.002
0.1
-2.5
2.5
M
C, E
-10
10
-100
100
MAX4051
V+ = 5.5V, V- = -5.5V,
VNO = 4.5V,
VCOM = -4.5V
M
C, E
-5
5
-50
50
COM Off Leakage
Current (Note 5)
MAX4052,
MAX4053
TA = +25°C
TA = +25°C
-0.1
0.002
0.1
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
M
-5
5
-100
100
MAX4052A,
MAX4053A
-1
0.002
1
TA = +25°C
M
-100
100
MAX4051A
-1
0.002
1
C, E
C, E
TA = +25°C
-0.1
0.002
0.1
-2.5
2.5
M
C, E
-10
10
-100
100
MAX4051
V+ = 5.5V, V- = -5.5V,
VNO = -4.5V,
VCOM = 4.5V
M
C, E
nA
-5
5
-50
50
ICOM(OFF)
MAX4052,
MAX4053
TA = +25°C
TA = +25°C
-0.1
0.002
0.1
M
-5
5
-50
50
MAX4052A,
MAX4053A
-1
0.002
1
TA = +25°C
M
-100
100
MAX4051A
-1
0.002
1
C, E
C, E
TA = +25°C
-0.1
0.002
0.1
-2.5
2.5
M
C, E
-10
10
-100
100
MAX4051
V+ = 5.5V, V- = -5.5V,
VCOM = VNO = ±4.5V
M
C, E
nA
-5
5
-50
50
ICOM(ON)
COM On Leakage
Current (Note 5)
MAX4052,
MAX4053
TA = +25°C
TA = +25°C
-0.1
0.002
0.1
M
-5
5
-50
50
MAX4052A,
MAX4053A
-1
0.002
1


Similar Part No. - MAX4053A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4053A MAXIM-MAX4053A Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
More results

Similar Description - MAX4053A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com