Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4071AUA Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4071AUA
Description  Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4071AUA Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4071AUA Datasheet HTML 2Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 3Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 4Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 5Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 6Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 7Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 8Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 9Page - Maxim Integrated Products MAX4071AUA Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Bidirectional, High-Side, Current-Sense
Amplifiers with Reference
6
_______________________________________________________________________________________
Typical Operating Characteristics
(VCC = VRS+ = 12V, VSENSE = 50mV for gain of 100V/V and 75mV for gain of 50V/V, TA = +25
°C, unless otherwise noted.)
MAX4069
REFOUT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
1.205
1.210
1.215
1.220
1.225
1.230
1.235
1.240
1.245
1.250
1.200
-50
125
REFOUT CONNECTED TO ADJ
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
60
80
100
120
140
160
180
40
-50
125
AV = 50V/V
VCC = 24V
VCC = 12V
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
22
20
4
6
8
12 14 16
10
18
70
80
90
100
110
120
130
140
60
224
AV = 100V/V
MAX4071
MAX4070
MAX4069
MAX4072
TOTAL ERROR vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
-1.0
-0.5
0
0.5
1.0
1.5
-1.5
-50
125
VSENSE = 50mV
AV = 100V/V
VCC = 24V
VCC = 12V
TOTAL ERROR vs. SUPPLY VOLTAGE
(VSENSE = 3mV)
SUPPLY VOLTAGE (V)
18
14
610
-1.5
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-2.0
222
AV = 100V/V
AV = 50V/V
TOTAL ERROR vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
22
20
16 18
8
10 12 14
6
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
-0.5
424
VSENSE = 75mV
AV = 50V/V
VSENSE = 50mV
AV = 100V/V
(VOUT - VREF) vs. VSENSE
VSENSE (V)
225
200
150 175
50 75 100 125
25
1
2
3
4
5
6
7
8
9
10
11
12
0
0
250
AV = 100V/V
AV = 50V/V
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
25
50
0
-25
-125
-100
-75
0
25
50
75
100
125
150
-150
-50
125
-50
-25
AV = 100V/V
INPUT OFFSET VOLTAGE DISTRIBUTION
VOS (
µV)
5
10
15
20
25
0
30
35


Similar Part No. - MAX4071AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4071AUA MAXIM-MAX4071AUA Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4071AUA++ MAXIM-MAX4071AUA+ Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
More results

Similar Description - MAX4071AUA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4069 MAXIM-MAX4069_08 Datasheet
381Kb / 18P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
Rev 3; 11/08
MAX4069 MAXIM-MAX4069_V01 Datasheet
2Mb / 14P
   Bidirectional, High-Side, Current-Sense Amplifiers with Reference
2016
logo
STMicroelectronics
TSC210 STMICROELECTRONICS-TSC210 Datasheet
2Mb / 22P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 2 - February 2020
TSC210 STMICROELECTRONICS-TSC210_V01 Datasheet
1Mb / 38P
   High/low-side, bidirectional, zero-drift current sense amplifiers
Rev 6 - September 2022
logo
Texas Instruments
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181_017 TI1-INA181_017 Datasheet
1Mb / 43P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
logo
STMicroelectronics
TSC2012 STMICROELECTRONICS-TSC2012 Datasheet
1Mb / 54P
   High voltage, precision, bidirectional current sense amplifiers
Rev 4 - August 2020
logo
Linear Technology
LT1787 LINER-LT1787 Datasheet
205Kb / 12P
   Precision, High Side Current Sense Amplifiers
LT1787 LINER-LT1787_15 Datasheet
281Kb / 16P
   Precision, High Side Current Sense Amplifiers
logo
Texas Instruments
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com