Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4052MJE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4052MJE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4052MJE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4052MJE Datasheet HTML 1Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 2Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 3Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 4Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 5Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 6Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 7Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 8Page - Maxim Integrated Products MAX4052MJE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +4.5V to +5.5V, V- = -4.5V to -5.5V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+ ........................................................................-0.3V to +17V
V-..........................................................................+0.3V to -17V
V+ to V- ................................................................-0.3V to +17V
Voltage into Any Terminal (Note 1) ..........(V- - 2V) to (V+ + 2V)
or 30mA (whichever occurs first)
Continuous Current into Any Terminal..............................±30mA
Peak Current, NO or COM
(pulsed at 1ms, 10% duty cycle) .................................±100mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Narrow SO (derate 8.70mW/°C above +70°C)..............696mW
QSOP (derate 8.00mW/°C above +70°C) .....................640mW
CERDIP (derate 10.00mW/°C above +70°C) ................800mW
Operating Temperature Ranges
MAX405_C_ E/MAX405_AC_E .............................0°C to +70°C
MAX405_E_ E/MAX405_AE_E...........................-40°C to +85°C
MAX405_MJE/MAX405_AMJE ........................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
CONDITIONS
60
100
V
V-
V+
VCOM, VNO
Analog Signal Range
125
RON
COM–NO On-Resistance
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
TA = +25°C
C, E, M
V+ = 5V, V- = -5V, INO = 1mA,
VCOM = ±3V
TA = +25°C
6
MAX4051A,
MAX4052A,
MAX4053A
V+ = 5V, V- = -5V,
INO = 1mA,
VCOM = ±3V
TA = +25°C
12
∆RON
COM–NO On-Resistance
Match Between Channels
(Note 3)
MAX4051,
MAX4052,
MAX4053
V+ = 5.5V, V- = -5.5V,
VNO = 4.5V,
VCOM = -4.5V
M
C, E
-10
10
-100
100
MAX4051,
MAX4052,
MAX4053
TA = +25°C
V+ = 5V, V- = -5V,
INO = 1mA,
VCOM = -3V, 0V, 3V
V+ = 5.5V, V- = -5.5V,
VNO = -4.5V,
VCOM = 4.5V
M
nA
-100
100
INO(OFF)
NO Off Leakage Current
(Note 5)
MAX4051A,
MAX4052A,
MAX4053A
C, E
TA = +25°C
-0.1
0.002
0.1
-5
5
TA = +25°C
10
RFLAT(ON)
COM–NO On-Resistance
Flatness (Note 4)
-1
0.002
1
MAX4051A,
MAX4052A,
MAX4053A
C, E, M
Note 1: Signals on any terminal exceeding V+ or V- are clamped by internal diodes. Limit forward-diode current to maximum
current rating.
C, E, M
12
C, E, M
18
C, E, M
15
PARAMETER
ANALOG SWITCH


Similar Part No. - MAX4052MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4052 MAXIM-MAX4052 Datasheet
173Kb / 10P
   PLASTIC ENCAPSULATED DEVICES
Rev. B April 6, 2004
MAX4052A MAXIM-MAX4052A Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
More results

Similar Description - MAX4052MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4581 MAXIM-MAX4581 Datasheet
253Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 10/99
MAX4581 MAXIM-MAX4581_12 Datasheet
198Kb / 17P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 6; 3/12
MAX4581 MAXIM-MAX4581_05 Datasheet
553Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 4; 8/05
MAX4581 MAXIM-MAX4581_07 Datasheet
519Kb / 18P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 5; 6/07
MAX4581L MAXIM-MAX4581L_07 Datasheet
304Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4581L MAXIM-MAX4581L Datasheet
381Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 0; 8/03
MAX4583LEEE MAXIM-MAX4583LEEE Datasheet
310Kb / 16P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 1; 6/07
MAX4052AESE-T MAXIM-MAX4052AESE-T Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
Rev 2; 10/05
MAX4051 MAXIM-MAX4051_V01 Datasheet
368Kb / 19P
   Low-Voltage, CMOS Analog Multiplexers/Switches
19-0463; Rev 2; 10/05
MAX4581L MAXIM-MAX4581L_V01 Datasheet
1Mb / 13P
   Low-Voltage, CMOS Analog Multiplexers/Switches
2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com