Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG2560 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # SCG2560
Description  Synchronous Clock Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG2560 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  SCG2560 Datasheet HTML 1Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 2Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 3Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 4Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 5Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 6Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 7Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 8Page - Connor-Winfield Corporation SCG2560 Datasheet HTML 9Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
2111 Comprehensive Drive
Aurora, Illinois 60505
Phone: 630- 851- 4722
Fax: 630- 851- 5040
www.conwin.com
SCG2560
Synchronous Clock
Generator
US Headquarters:
630-851-4722
European Headquarters:
+353-61-472221
General Description
The SCG2560 is a mixed-signal phase lock loop
generating CMOS outputs from an intrinsically low jitter
voltage controlled crystal oscillator.
The SCG2560 is
based on Connor-Winfield’s SCG2500 series product line.
The SCG2560 can lock to one of two possible
reference inputs at 25 MHz that are selectable using one
input select pin. The SCG2560 has an improved filter
compared to the SCG2500. The new filter allows the
SCG2560 to more closely track the selected input
reference and lowers switching MTIEs.
The SCG2560 provides 3 alarm outputs, Loss of
Reference A, (LOR A) Loss of Reference B, (LOR B), and
Loss of Lock, (LOL) as compared to the SCG2500’s
combined alarms. LOL alarm is active when the phase
error exceeds 1us. LOR A and LOR B independently
monitor the input references. If Both references are lost
the unit will go into Free Run automatically. When both
references are lost, the unit should be forced into Free Run
(pin 5 = 1). LOR A and LOR B can then be monitored until
the references return.
Refer to Table 5 for more
operational details.
The reference output at 25 MHz is derived from the
oscillator output. Phase alignment of the reference output
to the input cannot be guaranteed with dual input units.
The package maximum dimensions are .780” x .830” x
.350” on a six layer FR4 board with surface mount pins.
Parts are assembled using high temperature solder to
withstand surface mount reflow processes.
Tri-State is not available with this model.
Features
Commercial Temperature Range
(0°- 70°C)
Phase Locked Output Frequency
Control
Intrinsically Low Jitter Crystal
Oscillator
Two Selectable References @ 25 MHz
Hitless Reference Switching
2 Independent Reference Monitors
LOL Alarm Output
Force Free Run Function
Automatic Free Run Operation upon
loss of both references
Input Duty Cycle Tolerant
3.3 Volt Power Supply
Small Size: 0.78” x 0.83” x 0.35”
maximum
Surface Mount, DIL Package
Quick Overview
Ref_In
Osc_Out
Ref_Out
25 MHz
125 MHz
25 MHz


Similar Part No. - SCG2560

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
SCG2500 CONNOR-WINFIELD-SCG2500_15 Datasheet
899Kb / 10P
   Synchronous Clock Generators
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG2520 CONNOR-WINFIELD-SCG2520 Datasheet
898Kb / 10P
   Synchronous Clock Generators
More results

Similar Description - SCG2560

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2230G CONNOR-WINFIELD-SCG2230G Datasheet
336Kb / 16P
   Synchronous Clock Generator
SCG6500NT CONNOR-WINFIELD-SCG6500NT Datasheet
800Kb / 12P
   Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
   Synchronous Clock Generator
SCG4503 CONNOR-WINFIELD-SCG4503 Datasheet
378Kb / 16P
   Synchronous Clock Generator
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
   Synchronous Clock Generator
SCG2500A CONNOR-WINFIELD-SCG2500A Datasheet
790Kb / 12P
   Synchronous Clock Generator
logo
Xilinx, Inc
DS614 XILINX-DS614 Datasheet
289Kb / 9P
   Clock Generator
logo
ON Semiconductor
NB3N51044 ONSEMI-NB3N51044 Datasheet
135Kb / 13P
   Clock Generator
July, 2014 ??Rev. 1
logo
Integrated Device Techn...
5L35023 IDT-5L35023 Datasheet
547Kb / 38P
   Clock Generator
logo
Rohm
BU2280FV ROHM-BU2280FV Datasheet
272Kb / 6P
   Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com