Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2334 Datasheet(PDF) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC2334
Description  Silicon NPN Power Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC2334 Datasheet(HTML) 1 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC2334_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC2334_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistor
2SC2334
DESCRIPTION
・Low Collector Saturation Voltage
・Fast Switching Speed
・Complement to Type 2SA1010
APPLICATIONS
・Developed for high-voltage high-speed switching, and is
ideal for use as a driver in devices such as switching reg-
lators, DC/DC converters, and high frequency power am-
plifiers.
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
150
V
VCEO
Collector-Emitter Voltage
100
V
VEBO
Emitter-Base Voltage
7.0
V
IC
Collector Current-Continuous
7.0
A
ICM
Collector Current-Peak
15
A
IB
Base Current-Continuous
3.5
A
Collector Power Dissipation
@ Ta=25℃
1.5
PC
Total Power Dissipation
@ TC=25℃
40
W
TJ
Junction Temperature
150
Tstg
Storage Temperature Range
-55~150


Similar Part No. - 2SC2334_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC2334 RENESAS-2SC2334_15 Datasheet
239Kb / 8P
   SILICON POWER TRANSISTOR
More results

Similar Description - 2SC2334_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com