Electronic Components Datasheet Search |
|
130094-0500 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
130094-0500 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 02/04/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 130094-0500 Status: Active Overview: Support Grips Description: Bus-Drop Support Grip, Single "U" Eye, Cable Diameter 20.83-25.40mm (.820-1.000"), Approximate Break Strength 861.83kg (1,900 lbs) , Stainless Steel Documents: RoHS Certificate of Compliance (PDF) Product Literature (PDF) Agency Certification CSA LR32159 UL E76954 General Product Family Cable Grips Series 130094 Eye Type Single O-Ring No Overview Support Grips Product Literature Order No 987650-8065 Product Name Bus-Drop Type Support Grip UPC 78678810323 Woodhead Yes Physical Approximate Break Strength 861.83kg (1,900 lbs) Bale Length 0.229m (9.00") Body Style Straight Cable Diameter 20.83-25.40mm (.820-1.000") Color - Grommet N/A Gender N/A Material - Body N/A Material - Grip Stainless Steel Mesh Length 0.216m (8.50") Number of Holes N/A Thread Size N/A Material Info Old Part Number 36571SS Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Not Reviewed Low-Halogen Status Not Reviewed Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 130094Series This document was generated on 02/04/2015 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - 130094-0500 |
|
Similar Description - 130094-0500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |