Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX428CPA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX428CPA
Description  Single/Dual/Quad High-Speed, Fast-Settling, High Output Current Operational Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX428CPA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX428CPA Datasheet HTML 3Page - Maxim Integrated Products MAX428CPA Datasheet HTML 4Page - Maxim Integrated Products MAX428CPA Datasheet HTML 5Page - Maxim Integrated Products MAX428CPA Datasheet HTML 6Page - Maxim Integrated Products MAX428CPA Datasheet HTML 7Page - Maxim Integrated Products MAX428CPA Datasheet HTML 8Page - Maxim Integrated Products MAX428CPA Datasheet HTML 9Page - Maxim Integrated Products MAX428CPA Datasheet HTML 10Page - Maxim Integrated Products MAX428CPA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
___________Application Information
AC Characteristics
The 35MHz 10dB crossover point of the MAX408/
428/448 is achieved without feed forward compensa-
tion, a technique which can produce long tails in the
recovery characteristic. The single pole rolloff follows
the classic 20dB/decade slope to frequencies
approaching 50MHz. The 10dB (3.2V/V) phase margin
of 50°, even with a capacitive load of 50pF, gives stable
and predictable performance down to non-inverting
gain configurations of approximately 3V/V (inverting
gains of -2V/V). At frequencies beyond 50MHz, the
20dB/decade slope is disturbed by an output stage
zero, the damping factor of which is dependent upon
the RL, CL load combination. This results in loss of gain
Single/Dual/Quad High-Speed, Fast-Settling,
High Output Current Operational Amplifier
_______________________________________________________________________________________
7
eIN
1k
2k
2k
300
150
eS = SETTLE VOLTAGE
RL
+1V
-1V
2V
±4mV OF
FINAL VALUE
SETTLING
TIME
-2V
10%
SLEW RATE
90%
CL
10pF
eO
eIN
eOUT
eo
eo
es
eIN
OV
OV
OV
OV
Figure 1A. Settling Time and Slew Rate Test Circuit
Figure 1B. Large Signal Response
Figure 1C. Small Signal Response
Note that to properly measure es, amplifier and settle resistor ratios should be matched to 0.5% and probe capacitance ≤ 35pF


Similar Part No. - MAX428CPA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4281 MAXIM-MAX4281 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281ESA MAXIM-MAX4281ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4281EUK-T MAXIM-MAX4281EUK-T Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282 MAXIM-MAX4282 Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
MAX4282ESA MAXIM-MAX4282ESA Datasheet
307Kb / 20P
   SOT23, Rail-to-Rail, Fixed-Gain GainAmps/Open-Loop Op Amps
Rev 3; 8/99
More results

Similar Description - MAX428CPA

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP42GSZ AD-OP42GSZ Datasheet
601Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
OP-42 AD-OP-42 Datasheet
596Kb / 14P
   HIGH SPEED, FAST SETTLING PRECISION OPERATIONAL AMPLIFIER
OP42 AD-OP42_15 Datasheet
604Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
OP42AJ AD-OP42AJ Datasheet
601Kb / 14P
   High Speed Fast Settling Precision Operational Amplifier
logo
National Semiconductor ...
LH4105 NSC-LH4105 Datasheet
214Kb / 6P
   PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com