Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4081FASA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4081FASA
Description  76V, High-Side, Current-Sense Amplifiers with Voltage Output
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4081FASA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4081FASA Datasheet HTML 4Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 5Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 6Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 7Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 8Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 9Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 10Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 11Page - Maxim Integrated Products MAX4081FASA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
76V, High-Side, Current-Sense Amplifiers with
Voltage Output
8
_______________________________________________________________________________________
Typical Operating Characteristics (continued)
(VCC = VRS+ = 48V, VSENSE = 0V, CLOAD = 20pF, RLOAD =
∞, TA = +25°C, unless otherwise noted.)
MAX4080 toc28
4
µs/div
VCC-TRANSIENT RESPONSE
VCC
5V/div
VOUT
1V/div
VRS+ = 20V
VCC = 20V STEP
VREF1 = VREF2 = 2.5V
VCC = 40V
VCC = 20V
MAX4080 toc29
INPUT
500mV/div
OUTPUT
2V/div
20
µs/div
MAX4080F
SATURATION RECOVERY RESPONSE
(VCC = 4.5V)
MAX4080 toc30
VCC
(0 TO 10V)
5V/div
OUTPUT
2.5V/div
100
µs/div
MAX4080T
STARTUP DELAY
(VSENSE = 250mV)


Similar Part No. - MAX4081FASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4081FASA MAXIM-MAX4081FASA Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4081FASA++ MAXIM-MAX4081FASA+ Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
More results

Similar Description - MAX4081FASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4080 MAXIM-MAX4080_11 Datasheet
330Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 4; 7/11
MAX4080 MAXIM-MAX4080_08 Datasheet
398Kb / 16P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 1; 11/08
MAX4080 MAXIM-MAX4080_V01 Datasheet
1Mb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
2020
MAX4080 MAXIM-MAX4080_10 Datasheet
320Kb / 14P
   76V, High-Side, Current-Sense Amplifiers with Voltage Output
Rev 3; 5/10
logo
Texas Instruments
LMP8481 TI1-LMP8481 Datasheet
1Mb / 28P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8480 TI-LMP8480 Datasheet
992Kb / 24P
[Old version datasheet]   Precision 76V High-Side Current Sense Amplifiers with Voltage Output
LMP8481 TI1-LMP8481_15 Datasheet
3Mb / 29P
[Old version datasheet]   High-Side Current Sense Amplifiers With Voltage Output
INA180_017 TI1-INA180_017 Datasheet
1Mb / 38P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA180 TI1-INA180_18 Datasheet
1Mb / 40P
[Old version datasheet]   Low- and High-Side Voltage Output, Current-Sense Amplifiers
INA181 TI1-INA181_18 Datasheet
1Mb / 46P
[Old version datasheet]   Bidirectional, Low- and High-Side Voltage Output, Current-Sense Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com