Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TX-704 Datasheet(PDF) 3 Page - Vectron International, Inc

Part # TX-704
Description  Temperature Compensated Crystal Oscillator
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

TX-704 Datasheet(HTML) 3 Page - Vectron International, Inc

  TX-704_14 Datasheet HTML 1Page - Vectron International, Inc TX-704_14 Datasheet HTML 2Page - Vectron International, Inc TX-704_14 Datasheet HTML 3Page - Vectron International, Inc TX-704_14 Datasheet HTML 4Page - Vectron International, Inc TX-704_14 Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page 3
Cross
Ref
erenc
e List
Standard Shipping Method
Standard Shipping Method
Package Codes: 703
Type
Height “H”
G298
1.8mm
Package Codes: 704
Type
Height “H”
G290
1.8mm
Pin Connections: TX-703
1
Voltage Control (Vc) / Enable / N.C
2
Ground (GND)
3
RF Output
4
Supply Voltage Input (Vs)
Marking
TX-70X
Frequency
l AYYWW
Pin Connections: TX-704
1
I.C. (Internal connected: do not connect)
2
N.C. (Not connected)
3
I.C. (Internal connected: do not connect)
4
Ground (GND)
5
RF Output
6
N.C. (Not connected)
7
N.C. (Not connected)
8
Enable / N.C.
9
Supply Voltage Input (Vs)
10
Voltage Control (Vc) / N.C.
Enable true table (optional): TX-703
Pin 1
Pin 3
High
Data
Open
Data
Low
High Tristate
Enable true table (optional): TX-704
Pin 8
Pin 5
High
Data
Open
Data
Low
High Tristate


Similar Part No. - TX-704_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TX-704-0001-20M0 VECTRON-TX-704-0001-20M0 Datasheet
321Kb / 5P
   TCXO
TX-704-0004-20M0 VECTRON-TX-704-0004-20M0 Datasheet
321Kb / 5P
   Nominal frequency (f0)
TX-704-0007-12M800000 VECTRON-TX-704-0007-12M800000 Datasheet
319Kb / 4P
   TCXO
TX-7040-EAE-2872-10M0 VECTRON-TX-7040-EAE-2872-10M0 Datasheet
143Kb / 5P
   TCXO
TX-7040-EAE-2872-12M8 VECTRON-TX-7040-EAE-2872-12M8 Datasheet
143Kb / 5P
   TCXO
More results

Similar Description - TX-704_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-840 VECTRON-VT-840 Datasheet
247Kb / 5P
   Temperature Compensated Crystal Oscillator, Voltage Controlled Temperature Compensated Crystal Oscillator
TX_500 VECTRON-TX_500_14 Datasheet
777Kb / 6P
   Temperature Compensated Crystal Oscillator
TX-801 VECTRON-TX-801_14 Datasheet
370Kb / 5P
   Temperature Compensated Crystal Oscillator
VT-704 VECTRON-VT-704_14 Datasheet
927Kb / 8P
   Temperature Compensated Crystal Oscillator
VT-803 VECTRON-VT-803_14 Datasheet
1Mb / 9P
   Temperature Compensated Crystal Oscillator
VT-706 VECTRON-VT-706 Datasheet
732Kb / 7P
   Temperature Compensated Crystal Oscillator
logo
Crystek Corporation
CXOHD5 CRYSTEKCRYSTAL-CXOHD5 Datasheet
70Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD6 CRYSTEKCRYSTAL-CXOSD6_15 Datasheet
114Kb / 1P
   Temperature Compensated Crystal Oscillator
CXOSD4 CRYSTEKCRYSTAL-CXOSD4_15 Datasheet
122Kb / 1P
   Temperature Compensated Crystal Oscillator
logo
Advanced XTAL Products
AXLE3225 AXTAL-AXLE3225 Datasheet
246Kb / 1P
   Temperature Compensated Crystal Oscillator
AXLE7050 AXTAL-AXLE7050 Datasheet
265Kb / 1P
   Temperature Compensated Crystal Oscillator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com