Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCG3050 Datasheet(PDF) 8 Page - Connor-Winfield Corporation

Part # SCG3050
Description  Synchronous Clock Generators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

SCG3050 Datasheet(HTML) 8 Page - Connor-Winfield Corporation

Back Button SCG3050 Datasheet HTML 4Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 5Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 6Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 7Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 8Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 9Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 10Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 11Page - Connor-Winfield Corporation SCG3050 Datasheet HTML 12Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Data Sheet #: SG032
Page 8 of 12
Rev: P01
Date: 12/11/ 02
© Copyright 2002 The Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
Recommended LVPECL Termination
Figure 8
NOTES: 8: Q & QN are differential open emitter outputs
50
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
50 OHM Transmission Line
3.3 VDC
82
50 OHM Transmission Line
LVPECL
INPUT
D
DN
Vcc
GND
Vcc 2 VDC
3.3 VDC
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
LVPECL
INPUT
D
DN
Vcc
GND
50
130
82
3.3 VDC
LVPECL
INPUT
D
DN
Vcc
GND
3.3 VDC
3.3 VDC
50 OHM Transmission Line
50
3.3 VDC
50 OHM Transmission Line
3.3 VDC
SCGxxx
LVPECL
OUTPUT
Q
QN
Vcc
GND
Vcc 2 VDC
100
50 OHM Transmission Line
130
3.3 VDC
50 OHM Transmission Line
50
150
150


Similar Part No. - SCG3050

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCG3019 SECOS-SCG3019 Datasheet
201Kb / 4P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019 Datasheet
329Kb / 3P
   N-Channel Enhancement MOSFET
SCG3019 SECOS-SCG3019_15 Datasheet
329Kb / 3P
   N-Channel Enhancement MOSFET
logo
Connor-Winfield Corpora...
SCG3040 CONNOR-WINFIELD-SCG3040 Datasheet
751Kb / 12P
   Synchronous Clock Generator
SCG3040G5 CONNOR-WINFIELD-SCG3040G5 Datasheet
274Kb / 12P
   Synchronous Clock Generator
More results

Similar Description - SCG3050

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
SCG2503 CONNOR-WINFIELD-SCG2503 Datasheet
210Kb / 12P
   Synchronous Clock Generators
SCG4001 CONNOR-WINFIELD-SCG4001 Datasheet
334Kb / 12P
   Synchronous Clock Generators
SFX-200G CONNOR-WINFIELD-SFX-200G Datasheet
141Kb / 8P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
387Kb / 16P
   Synchronous Clock Generators
SCG2000I CONNOR-WINFIELD-SCG2000I Datasheet
1Mb / 16P
   Synchronous Clock Generators
SCG4500 CONNOR-WINFIELD-SCG4500 Datasheet
2Mb / 16P
   Synchronous Clock Generators
SCG2000 CONNOR-WINFIELD-SCG2000 Datasheet
523Kb / 20P
   Synchronous Clock Generators
SCG4000 CONNOR-WINFIELD-SCG4000 Datasheet
381Kb / 16P
   Synchronous Clock Generators
SCG102A CONNOR-WINFIELD-SCG102A Datasheet
220Kb / 8P
   Synchronous Clock Generators
SCG2500 CONNOR-WINFIELD-SCG2500 Datasheet
893Kb / 10P
   Synchronous Clock Generators
SCG2000IG CONNOR-WINFIELD-SCG2000IG_15 Datasheet
694Kb / 16P
   Synchronous Clock Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com