Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STC5415 Datasheet(PDF) 9 Page - Connor-Winfield Corporation

Part # STC5415
Description  Line Card Clock
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

STC5415 Datasheet(HTML) 9 Page - Connor-Winfield Corporation

Back Button STC5415 Datasheet HTML 5Page - Connor-Winfield Corporation STC5415 Datasheet HTML 6Page - Connor-Winfield Corporation STC5415 Datasheet HTML 7Page - Connor-Winfield Corporation STC5415 Datasheet HTML 8Page - Connor-Winfield Corporation STC5415 Datasheet HTML 9Page - Connor-Winfield Corporation STC5415 Datasheet HTML 10Page - Connor-Winfield Corporation STC5415 Datasheet HTML 11Page - Connor-Winfield Corporation STC5415 Datasheet HTML 12Page - Connor-Winfield Corporation STC5415 Datasheet HTML 13Page - Connor-Winfield Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Page 9 of 48 TM120
Rev:P1.3
Date: September 20, 2011
© Copyright the Connor-Winfield Corp. All Rights Reserved Specifications subject to change without notice
STC5415
Line Card Clock
Data sheet
Preliminary
0x36
REF_Priority_Table
19-0
R/W
REF1 ~ REF5 priority table
0x37
0x38
0x3C
PLL_Status
7-0
R/W
PLL status: SYNC, LOS, LOL, OOP, SAP, FEE, DHT, HHA
0x3E
PLL_Event_Out
7-0
R/W
PLL event out (TBD)
0x3F
PLL_Event_In
7-0
R/W
PLL event in: Relock
0x40
EX_SYNC_Edge_Config
0-0
R/W
Select framing edge (falling or rising edge) for EX_SYNC
0x42
REF1/2_Frame_Phase_Align
7-0
R/W
Select framing reference input and sampling edge on selected
REF1 and REF2 for frame alignment
0x43
REF3_Frame_Phase_Align
3-0
R/W
Select framing reference input and sampling edge on selected
REF3 for frame alignment
0x44
REF4/5_Frame_Phase_Align
7-0
R/W
Select framing reference input and sampling edge on selected
REF4 and REF5 for frame alignment
0x4A
Synth_Index_Select
3-0
R/W
Determine which synthesizer is selected for setting frequency value
at register Synth_Freq_Value and adjusting phase skew at registers
Synth_Skew_Adj
0x4B
Synth_Freq_Value
17-0
R/W
Selects synthesizer frequency value from 1MHz to 156.25MHz, in
1kHz steps, based on which synthesizer index is selected at the reg-
ister Synth_Index_Select
0x4C
0x4D
0x4E
Synth_Skew_Adj
11-0
R/W
Adjust phase skew for the synthesizer with the index selected at
register Synth_Index_Select
0x4F
0x50
CLK1_Signal_Level
0-0
R/W
Select the signal level (LVDS or LVPECL) for clock output CLK1
0x51
CLK1_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK1
0x52
CLK2_Sel
1-0
R/W
Select synthesizer or enable tri-state for CLK2
0x59
CLK8K_Sel
6-0
R/W
8kHz frame pulse clock output duty cycle selection, signal inversion
0x5A
CLK2K_Sel
6-0
R/W
2kHz frame pulse clock output duty cycle selection, signal inversion
0x5B
Ref_Freq
14-0
R/W
Select integer N for manually acceptable frequency at Nx8kHz;
Enable auto detection of reference input frequency
0x5C
0x70
Field_Upgrade_Status
2-0
R
Indicates the status of field upgrade process
0x71
Field_Upgrade_Data
7-0
R/W
Load 7600 bytes of firmware configuration data
0x72
Field_Upgrade_Count
12-0
R
Count byte numbers that have been loaded
0x73
0x74
Field_Upgrade_Start
7-0
W
Write three values consecutively to start the field upgrade process
0x7F
MCLK_Freq_Reset
7-0
R
Select the frequency of the external oscillator
Table 2: Register Map
Addr
Reg Name
Bits
Type
Description


Similar Part No. - STC5415

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5420 CONNOR-WINFIELD-STC5420 Datasheet
2Mb / 70P
   Synchronous Clock for SETS
STC5423 CONNOR-WINFIELD-STC5423 Datasheet
1Mb / 60P
   Synchronous Clock for SETS
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
STC5428 CONNOR-WINFIELD-STC5428 Datasheet
1Mb / 66P
   Synchronous Clock for SETS
STC5455 CONNOR-WINFIELD-STC5455 Datasheet
919Kb / 56P
   Synchronous Clock for SETS
More results

Similar Description - STC5415

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
STC5230 CONNOR-WINFIELD-STC5230_15 Datasheet
1Mb / 48P
   Line Card Clock
STC5425 CONNOR-WINFIELD-STC5425 Datasheet
790Kb / 48P
   Line Card Clock
logo
Integrated Circuit Syst...
MK2069-01 ICST-MK2069-01 Datasheet
344Kb / 19P
   VCXO-Based Line Card Clock Synchronizer
logo
Renesas Technology Corp
MK2069-01 RENESAS-MK2069-01 Datasheet
411Kb / 22P
   VCXO-BASED LINE CARD CLOCK SYNCHRONIZER
051310
logo
Texas Instruments
CDC341 TI-CDC341 Datasheet
102Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
SN54CDC341 TI1-SN54CDC341 Datasheet
165Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC341DWR TI-CDC341DWR Datasheet
279Kb / 10P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
CDC340 TI-CDC340 Datasheet
104Kb / 7P
[Old version datasheet]   1-LINE TO 8-LINE CLOCK DRIVER
logo
Analog Devices
AD9557 AD-AD9557_16 Datasheet
1Mb / 95P
   Dual Input Multiservice Line Card Adaptive Clock Translator
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
   User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com