Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VT-700 Datasheet(PDF) 6 Page - Vectron International, Inc

Part # VT-700
Description  Temperature Compensated Crystal Oscillator Previous Vectron Model VTC1
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VT-700 Datasheet(HTML) 6 Page - Vectron International, Inc

  VT-700_14 Datasheet HTML 1Page - Vectron International, Inc VT-700_14 Datasheet HTML 2Page - Vectron International, Inc VT-700_14 Datasheet HTML 3Page - Vectron International, Inc VT-700_14 Datasheet HTML 4Page - Vectron International, Inc VT-700_14 Datasheet HTML 5Page - Vectron International, Inc VT-700_14 Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Vectron International • 267 Lowell Road, Suite 102, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • http://www.vectron.com
Page6
Table 8. Standard Frequencies (MHz)
8.1920
10.000
10.0001350
10.0013550
10.080
10.240
10.2450
11.05920
11.28960
12.000
12.2450
12.2880
12.3520
12.500
12.504
12.580
12.5829120
12.600
12.6883750
12.800
13.000
13.560
14.000
14.3180
14.400
14.500
14.58880
14.6171880
14.74560
14.850
15.000
15.3598650
15.360
16.000
16.034950
16.320
16.3252910
16.36760
16.3676670
16.36770
16.3840
16.3680
16.580
16.58880
16.777216
16.800
17.500
18.000
18.4140
18.4320
18.6010
19.000
19.200
19.440
19.680
19.6608
19.800
20.000
20.250
20.480
20.750
20.916460
21.250
21.94921875
22.000
22.3680
23.090
24.000
24.1920
24.53350
24.5760
24.80640
25.000
25.488280
26.000
27.000
28.000
30.720
32.000
33.000
35.3280
36.000
38.400
38.880
39.000
40.000
Ordering Information
Example: VT-700-EFG-206A-26M0000000
VT-700- E F G - 206A- xxMxxxxxxx
Product
TCXO
Voltage Options
D: +5.0 Vdc ±5%,
E: +3.3 Vdc ±5%,
F: +3.0 Vdc ±5%
G: +2.8 Vdc ±5%
Output
A: CMOS
F: Clipped Sine Wave
Stability
507: ±0.5ppm
106: ±1ppm
156: ±1.5ppm
206: ±2.0ppm
256: ±2.5ppm
306: ±3.0ppm
356: ±3.5ppm
406: ±4.0ppm
506: ±5.0ppm
Frequency in MHz
*Note: not all combination of options are available.
Other specifications may be available upon request.
Temp Range
R: 0 /55°C
K: -10/60°C
J: -20/70°C
G: -30/80°C
H: -30/85°C
E: -40/85°C
Tuning
0: Fixed, No tuning
A: ±5ppm
B: ±8ppm
C: ±10ppm
D: ±12ppm
Package
5x7 Package
Disclaimer
Vectron International reserves the right to make changes to the product(s) and or information contained herein without notice. No liability is assumed as a result of their use or application.
No rights under any patent accompany the sale of any such product(s) or information.
Rev: 02/24/14
For Additional Information, Please Contact
USA:
Vectron International
267 Lowell Road, Suite 102
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron International
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 3328.4784.17
Fax: +49 (0) 3328.4784.30
Asia:
Vectron International
68 Yin Cheng Road (C), 22nd Floor
One LuJiaZui
Pudong, Shanghai 200120, China
Tel: +86.21.6194.6886
Fax: +86.21.6194.6699


Similar Part No. - VT-700_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-700 VECTRON-VT-700 Datasheet
378Kb / 6P
   Temperature Compensated Crystal Oscillator
More results

Similar Description - VT-700_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
VT-800 VECTRON-VT-800_14 Datasheet
638Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC4
VT-800 VECTRON-VT-800_17 Datasheet
532Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC4
VT-820 VECTRON-VT-820_14 Datasheet
603Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTM3
VT-501 VECTRON-VT-501_14 Datasheet
707Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTD3
VT-701 VECTRON-VT-701_17 Datasheet
395Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTC2
VT-490 VECTRON-VT-490 Datasheet
306Kb / 5P
   Temperature Compensated Crystal Oscillator Previous Vectron Model OSC
VT-820 VECTRON-VT-820_17 Datasheet
381Kb / 6P
   Temperature Compensated Crystal Oscillator Previous Vectron Model VTM3
VV-800 VECTRON-VV-800_12 Datasheet
199Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VVC4
VX-700 VECTRON-VX-700_12 Datasheet
352Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VC-710
VV-701 VECTRON-VV-701_12 Datasheet
197Kb / 6P
   Voltage Controlled Crystal Oscillator Previous Vectron Model VVC1/VVC2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com