Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4135 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4135
Description  1-Input/4-Output Video Distribution Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4135 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4135 Datasheet HTML 4Page - Maxim Integrated Products MAX4135 Datasheet HTML 5Page - Maxim Integrated Products MAX4135 Datasheet HTML 6Page - Maxim Integrated Products MAX4135 Datasheet HTML 7Page - Maxim Integrated Products MAX4135 Datasheet HTML 8Page - Maxim Integrated Products MAX4135 Datasheet HTML 9Page - Maxim Integrated Products MAX4135 Datasheet HTML 10Page - Maxim Integrated Products MAX4135 Datasheet HTML 11Page - Maxim Integrated Products MAX4135 Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
__________Applications Information
Grounding, Bypassing,
and PC Board Layout
To obtain the MAX4137/MAX4138’s full 185MHz band-
width, Microstrip and Stripline techniques are recom-
mended in most cases. To ensure the PC board does
not degrade the amplifier’s performance, design the
board for a frequency greater than 1GHz. Even with
very short traces, use these techniques at critical
points, such as inputs and outputs. Whether you use a
constant-impedance board or not, observe the follow-
ing guidelines when designing the board:
• Do not use wire-wrap boards. They are too inductive.
• Do not use IC sockets. They increase parasitic
capacitance and inductance.
• In general, surface-mount components have shorter
leads and lower parasitic reactance, giving better
high-frequency performance than through-hole com-
ponents.
• The PC board should have at least two layers, with
one side a signal layer and the other a ground plane.
• Keep signal lines as short and straight as possible.
Do not make 90° turns; round all corners.
• The ground plane should be as free from voids as
possible.
1-Input/4-Output
Video Distribution Amplifiers
8
_______________________________________________________________________________________
N.C.
1
VCCO
2
OUT1
3
OUT2
5
OUT3
8
GND
9
OUT4
10
VCCO
11
N.C.
12
OUT1
OUT2
OUT3
OUT4
MAX4137
SW1
SW2
SW3
SW4
GND
4
AGND
21
IN+
20
VEEI
19
AGND
18
N.C.
17
VCCI
16
SEL3
15
SEL4
14
N.C.
13
0.1
µF
0.1
µF
0.1
µF
0.1
µF
75
Ω*
75
Ω*
75
Ω*
75
Ω*
75
Ω*
75
Ω∗
-5VDC
+5VDC
+5VDC
VEEO
6
VEEO
7
0.1
µF
N.C.
24
SEL1
23
SEL2
22
-5VDC
+5VDC
VIDEO
IN
* TO TERMINATE TRANSMISSION LINE
RF
RG
IN
Figure 1. MAX4137 Typical Operating Circuit


Similar Part No. - MAX4135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
MAX4135 MAXIM-MAX4135 Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
MAX4135EVKIT-SO MAXIM-MAX4135EVKIT-SO Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
MAX4135EWG MAXIM-MAX4135EWG Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
MAX4135 MAXIM-MAX4135_97 Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
More results

Similar Description - MAX4135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2526 NJRC-NJM2526 Datasheet
563Kb / 11P
   4 INPUT 1 OUTPUT VIDEO SWITCH with ISOLATION AMP
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Elantec Semiconductor
EL4421C ELANTEC-EL4421C Datasheet
294Kb / 16P
   Multiplexed-Input Video Amplifiers
logo
Rohm
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
   2-input, 1-output video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com