Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4135 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX4135
Description  1-Input/4-Output Video Distribution Amplifiers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4135 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX4135 Datasheet HTML 3Page - Maxim Integrated Products MAX4135 Datasheet HTML 4Page - Maxim Integrated Products MAX4135 Datasheet HTML 5Page - Maxim Integrated Products MAX4135 Datasheet HTML 6Page - Maxim Integrated Products MAX4135 Datasheet HTML 7Page - Maxim Integrated Products MAX4135 Datasheet HTML 8Page - Maxim Integrated Products MAX4135 Datasheet HTML 9Page - Maxim Integrated Products MAX4135 Datasheet HTML 10Page - Maxim Integrated Products MAX4135 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
_______________Detailed Description
The MAX4137/MAX4138 are 1-input/4-output video dis-
tribution amplifiers. The MAX4137 is configured for a
fixed gain of +2, while the MAX4138 features external
gain control (feedback) for closed-loop gains of 2V/V or
greater.
Each output provides sufficient current to drive five
150
Ω loads. However, distortion will increase when driving
multiple loads. The TTL/CMOS-compatible digital control
(
SEL_) enables or disables each output amplifier. When
the
SEL_ control input is low, the amplifier is enabled;
when it is high, the amplifier is disabled and presents a
high-impedance output. The enable/disable or
disable/enable time is under 25ns, which is useful
in multiplexing, pixel switching, or picture-in-picture
applications.
Each device has an input amplifier, which buffers the
input from any switching glitches that may be taking
place at the output stage, and provides a high-
impedance, low-capacitance input. The separate input
buffer allows a true high output impedance when an
amplifier is disabled.
The outputs are protected against short circuits to
ground. However, power-dissipation limits preclude
shorting all output channels to ground. See the
Power-
Dissipation Considerations section for details.
1-Input/4-Output
Video Distribution Amplifiers
_______________________________________________________________________________________
7
______________________________________________________________Pin Description
Output 4
10
10
14
14
When low, enables output channel OUT3. When high, disables output channel OUT3.
15
15
Analog Ground
4, 9, 21
4, 9, 18, 21
Output 2
5
5
Negative Supply for Output Amplifiers. Connect to -5V.
6, 7
6, 7
Output 3
8
8
Output 1
3
3
Positive Supply for Output Amplifiers. Connect to +5V.
2, 11
2, 11
FUNCTION
PIN
OUT4
SEL4
SEL3
AGND
OUT2
VEEO
OUT3
OUT1
VCCO
NAME
16
16
VCCI
Positive Supply for Input Amplifier. Connect to +5V.
17
RF
Output of Input Amplifier
18
RG
Inverting Input
19
19
VEEI
Negative Supply for Input Amplifier. Connect to -5V.
20
20
IN+
Noninverting Input
22
22
SEL2
When low, enables output channel OUT2. When high, disables output channel OUT2.
23
23
SEL1
When low, enables output channel OUT1. When high, disables output channel OUT1.
MAX4137
MAX4138
When low, enables output channel OUT4. When high, disables output channel OUT4.
No Connect. Not internally connected.
1, 12, 13,
24
1, 12, 13,
17, 24
N.C.


Similar Part No. - MAX4135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
MAX4135 MAXIM-MAX4135 Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
MAX4135EVKIT-SO MAXIM-MAX4135EVKIT-SO Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
MAX4135EWG MAXIM-MAX4135EWG Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
MAX4135 MAXIM-MAX4135_97 Datasheet
120Kb / 4P
   Evaluation Kit
Rev 1; 3/97
More results

Similar Description - MAX4135

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4135 MAXIM-MAX4135 Datasheet
113Kb / 12P
   1-Input/6-Output Video Distribution Amplifiers
19-1092; Rev 0; 6/96
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2526 NJRC-NJM2526 Datasheet
563Kb / 11P
   4 INPUT 1 OUTPUT VIDEO SWITCH with ISOLATION AMP
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
logo
New Japan Radio
NJM2533 NJRC-NJM2533 Datasheet
193Kb / 4P
   2-INPUT 1-OUTPUT VIDEO SWITCH???
logo
Mitsubishi Electric Sem...
MM1221 MITSUBISHI-MM1221 Datasheet
162Kb / 7P
   2-Input 1-Output Video Switch
logo
New Japan Radio
NJM2534 NJRC-NJM2534 Datasheet
175Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH????
logo
Elantec Semiconductor
EL4421C ELANTEC-EL4421C Datasheet
294Kb / 16P
   Multiplexed-Input Video Amplifiers
logo
Rohm
BA7654F ROHM-BA7654F Datasheet
80Kb / 8P
   2-input, 1-output video signal switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com