Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4147 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4147
Description  300MHz, Low-Power, High-Output-Current, Differential Line Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4147 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4147 Datasheet HTML 1Page - Maxim Integrated Products MAX4147 Datasheet HTML 2Page - Maxim Integrated Products MAX4147 Datasheet HTML 3Page - Maxim Integrated Products MAX4147 Datasheet HTML 4Page - Maxim Integrated Products MAX4147 Datasheet HTML 5Page - Maxim Integrated Products MAX4147 Datasheet HTML 6Page - Maxim Integrated Products MAX4147 Datasheet HTML 7Page - Maxim Integrated Products MAX4147 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
300MHz, Low-Power,
High-Output-Current, Differential Line Driver
_______________________________________________________________________________________
5
100
10
1
10
1M
100k
10k
1k
100
VOLTAGE NOISE
vs. FREQUENCY
FREQUENCY (Hz)
100
10
1
10
1M
100k
10k
1k
100
CURRENT NOISE
vs. FREQUENCY
FREQUENCY (Hz)
0
-100
0
200
600
1000
5MHz HARMONIC DISTORTION
vs. LOAD
-80
-20
LOAD (
Ω)
400
800
-40
-60
-90
-70
-10
-30
-50
2ND HARMONIC
3RD HARMONIC
-50
-40
-30
-100
100k
1M
10M
100M
HARMONIC DISTORTION
vs. FREQUENCY
-90
FREQUENCY (Hz)
-80
-70
-60
AVCL = +2V
V0 = 2Vp-p
2ND HARMONIC
3RD HARMONIC
12
11
10
9
8
7
-75
-25
25
75
125
-50
0
50
100
POWER-SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
-100
0
1
2
3
4
5MHz HARMONIC DISTORTION
vs. OUTPUT SWING
-80
-20
OUTPUT SWING (Vp-p)
-40
-60
-90
-70
-10
-30
-50
2ND HARMONIC
3RD HARMONIC
4
6
8
10
12
14
16
18
0
50
100
150
250
200
OUTPUT SWING
vs. LOAD RESISTANCE
LOAD (
Ω)
2.0
1.5
1.0
0.5
0
-1.0
-0.5
-75
-25
25
75
125
-50
0
50
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
16
14
12
10
8
4
6
-75
-25
25
75
125
-50
0
50
100
INPUT BIAS CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
____________________________Typical Operating Characteristics (continued)
(VCC = +5V, VEE = -5V, RL = 150Ω, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX4147

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX41470 MAXIM-MAX41470 Datasheet
10Mb / 43P
   Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX41470EVKIT MAXIM-MAX41470EVKIT Datasheet
10Mb / 43P
   Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX41473 MAXIM-MAX41473 Datasheet
10Mb / 43P
   Evaluates the MAX4147X Sub-1GHz ISM Receiver
Rev 1; 10/20
MAX41473 MAXIM-MAX41473 Datasheet
1Mb / 58P
   290MHz to 960MHz ASK/FSK Receiver with I2C Interface
2021
MAX41473GTC++ MAXIM-MAX41473GTC+ Datasheet
1Mb / 58P
   290MHz to 960MHz ASK/FSK Receiver with I2C Interface
2021
More results

Similar Description - MAX4147

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
Analog Devices
AD8016 AD-AD8016_15 Datasheet
707Kb / 21P
   Low Power, High Output Current xDSL Line Driver
REV. C
AD8016 AD-AD8016 Datasheet
569Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. A
AD8016 AD-AD8016_03 Datasheet
369Kb / 20P
   Low Power, High Output Current xDSL Line Driver
REV. B
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD815 AD-AD815_15 Datasheet
374Kb / 16P
   High Output Current Differential Driver
REV. C
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Burr-Brown (TI)
DRV1101 BURR-BROWN-DRV1101 Datasheet
81Kb / 8P
   HIGH POWER DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com