Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4158 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4158
Description  350MHz/250MHz, 2-Channel Video Multiplexer-Amplifiers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4158 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4158 Datasheet HTML 5Page - Maxim Integrated Products MAX4158 Datasheet HTML 6Page - Maxim Integrated Products MAX4158 Datasheet HTML 7Page - Maxim Integrated Products MAX4158 Datasheet HTML 8Page - Maxim Integrated Products MAX4158 Datasheet HTML 9Page - Maxim Integrated Products MAX4158 Datasheet HTML 10Page - Maxim Integrated Products MAX4158 Datasheet HTML 11Page - Maxim Integrated Products MAX4158 Datasheet HTML 12Page - Maxim Integrated Products MAX4158 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
350MHz/250MHz, 2-Channel
Video Multiplexer-Amplifiers
_______________________________________________________________________________________
9
____________________________Typical Operating Characteristics (continued)
(V+ = +5V, V- = -5V, TA = +25°C, unless otherwise noted.)
______________________________________________________________Pin Description
1.50
0.50
-60 -40
20
100
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
0.75
1.25
TEMPERATURE (°C)
-20
0
40
1.00
60
80
150
100
-60 -40
20
100
OUTPUT SHORT-CIRCUIT CURRENT
vs. TEMPERATURE
110
120
140
130
TEMPERATURE (°C)
-20
0
40
60
80
POSITIVE OUTPUT
NEGATIVE OUTPUT
Positive Power-Supply Voltage
11
6
Amplifier Output
12
7
Channel-Address Logic Input (see
Truth Table)
13
8
Latch-Enable Logic Input (see
Truth Table)
14
Amplifier Input, Channel 1
5
3
No Connection. Not internally connected. Connect to ground plane for
best RF performance.
Negative Power-Supply Voltage
7
4
Amplifier Feedback Input
9
5
Power Supply, Analog and Digital Ground. Connect GND to ground plane
for best RF performance.
2, 4, 6,
8, 10
2
Amplifier Input, Channel 0
3
1
Output Enable Logic Input. Connect EN to logic low or leave open for
normal operation. Connect to logic high to disconnect amplifier output
(output is high impedance).
1
V+
12
OUT
13
A0
14
LE
16
IN1
5
N.C.
7, 15
V-
8
FB
10
GND
2, 4, 6,
9, 11
IN0
3
EN
1
SO
QSOP
NAME
FUNCTION
MAX4158
MAX4258
PIN
MAX4159
MAX4259


Similar Part No. - MAX4158

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX410 MAXIM-MAX410 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX410 MAXIM-MAX410 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4100 MAXIM-MAX4100 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100-MAX4101 MAXIM-MAX4100-MAX4101 Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
MAX4100ESA MAXIM-MAX4100ESA Datasheet
144Kb / 12P
   500MHz, Low-Power Op Amps
19-0436; Rev 1; 3/96
More results

Similar Description - MAX4158

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1675 LINER-LT1675_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
LT1675-1 LINER-LT1675-1_15 Datasheet
787Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Amplifiers
logo
Renesas Technology Corp
HA-5033 RENESAS-HA-5033 Datasheet
701Kb / 12P
   250MHz Video Buffer
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033 Datasheet
235Kb / 9P
   250MHz Video Buffer
September 1998
logo
Maxim Integrated Produc...
MAX442 MAXIM-MAX442 Datasheet
93Kb / 8P
   140MHz, 2-Channel Video Multiplexer/Amplifier
Rev 1; 1/95
logo
Intersil Corporation
HA-5033 INTERSIL-HA-5033_06 Datasheet
384Kb / 12P
   250MHz Video Buffer
logo
Linear Technology
LT1675 LINER-LT1675 Datasheet
326Kb / 16P
   250MHz, Triple and Single RGB Multiplexer with Current Feedback Amplifiers
logo
Maxim Integrated Produc...
MAX4028 MAXIM-MAX4028 Datasheet
317Kb / 13P
   Triple/Quad, 2:1 Video Multiplexer-Amplifiers with Input Clamps
Rev 0; 3/04
MAX4027 MAXIM-MAX4027 Datasheet
351Kb / 11P
   225MHz, Triple, 2-Channel Video Multiplexer-Amplifier
Rev 0; 9/03
MAX498 MAXIM-MAX498 Datasheet
155Kb / 16P
   Quad/Triple, SPDT, RGB Switches with 250MHz Video Buffer Amplifiers
Rev 0; 10/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com