Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4128 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4128
Description  Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4128 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4128 Datasheet HTML 4Page - Maxim Integrated Products MAX4128 Datasheet HTML 5Page - Maxim Integrated Products MAX4128 Datasheet HTML 6Page - Maxim Integrated Products MAX4128 Datasheet HTML 7Page - Maxim Integrated Products MAX4128 Datasheet HTML 8Page - Maxim Integrated Products MAX4128 Datasheet HTML 9Page - Maxim Integrated Products MAX4128 Datasheet HTML 10Page - Maxim Integrated Products MAX4128 Datasheet HTML 11Page - Maxim Integrated Products MAX4128 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Typical Operating Characteristics (continued)
(VCC = +5V, VEE = 0V, VCM = VCC/2, TA = +25°C, unless otherwise noted.)
Single/Dual/Quad, Wide-Bandwidth, Low-Power,
Single-Supply Rail-to-Rail I/O Op Amps
8
_______________________________________________________________________________________
IN
(5mV/div)
TIME (200ns/div)
OUT
(50mV/div)
AV = +10
MAX4124/25/28
SMALL-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
IN
(5mV/div)
TIME (200ns/div)
OUT
(50mV/div)
AV = -10
MAX4124/25/28
SMALL-SIGNAL TRANSIENT
RESPONSE (INVERTING)
IN
(2V/div)
TIME (2
µs/div)
OUT
(2V/div)
AV = -1
MAX4122/23/26/27/29
LARGE-SIGNAL TRANSIENT
RESPONSE (INVERTING)
1.2
1.3
1.5
1.4
1.6
1.7
1.8
1.9
-40 -25 -10
5
20
35
50
65
80
95
MAX4123
MINIMUM OPERATING VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
IN
TIME (200ns/div)
OUT
AV = +1
MAX4122/23/26/27/29
SMALL-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)
10
100k
10k
FREQUENCY (Hz)
100
1k
0.040
0
0.005
0.010
0.015
0.020
0.025
0.030
0.035
MAX4122/23/26/27/29 TOTAL HARMONIC
DISTORTION AND NOISE vs. FREQUENCY
AV = +1
2Vp-p SIGNAL
500kHz LOWPASS FILTER
RL = 10kΩ TO VCC/2
0.1
0.001
4.0
4.4
4.2
5.0
4.8
4.6
MAX4123
TOTAL HARMONIC DISTORTION AND NOISE
vs. PEAK-TO-PEAK SIGNAL AMPLITUDE
PEAK-TO-PEAK SIGNAL AMPLITUDE (V)
0.01
AV = +1
10kHz SINEWAVE
RL TO VCC/2
500kHz LOWPASS FILTER
RL = 10kΩ
RL = 100kΩ
RL = 2kΩ
RL = 250Ω
IN
TIME (200ns/div)
OUT
AV = -1
MAX4122/23/26/27/29
SMALL-SIGNAL TRANSIENT
RESPONSE (INVERTING)
IN
TIME (2
µs/div)
OUT
AV = +1
MAX4122/23/26/27/29
LARGE-SIGNAL TRANSIENT
RESPONSE (NONINVERTING)


Similar Part No. - MAX4128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX412 MAXIM-MAX412 Datasheet
461Kb / 12P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
19-4194; Rev 2; 11/96
MAX412 MAXIM-MAX412 Datasheet
325Kb / 16P
   Single/Dual/Quad, 28MHz, Low-Noise, Low-Voltage, Precision Op Amps
Rev 5; 10/08
MAX4120 MAXIM-MAX4120 Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4120EEE MAXIM-MAX4120EEE Datasheet
167Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
19-0440; Rev 2; 4/97
MAX4120EEE MAXIM-MAX4120EEE Datasheet
577Kb / 12P
   Single/Dual/Quad, 400MHz, Low-Power, Current Feedback Amplifiers
2007
More results

Similar Description - MAX4128

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4130 MAXIM-MAX4130_V01 Datasheet
256Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
2014
MAX4124EUK-T MAXIM-MAX4124EUK-T Datasheet
287Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply Rail-to-Rail I/O Op Amps
Rev 1; 8/97
MAX4130 MAXIM-MAX4130 Datasheet
194Kb / 16P
   Single/Dual/Quad, Wide-Bandwidth, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps
19-1089; Rev 2; 8/97
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
MAX4322 MAXIM-MAX4322 Datasheet
226Kb / 12P
   Single/Dual/Quad, Low-Cost, SOT23, Low-Power, Rail-to-Rail I/O Op Amps
Rev 2a; 12/99
MAX4091 MAXIM-MAX4091 Datasheet
514Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply, Rail-to-Rail Op Amps
19-2272; Rev 0; 1/02
MAX492 MAXIM-MAX492 Datasheet
230Kb / 16P
   Single/Dual/Quad, Micropower, Single-Supply Rail-to-Rail Op Amps
Rev 2; 9/96
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4162 MAXIM-MAX4162 Datasheet
152Kb / 12P
   SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Rev 0; 4/97
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com