Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4165 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4165
Description  High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4165 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4165 Datasheet HTML 1Page - Maxim Integrated Products MAX4165 Datasheet HTML 2Page - Maxim Integrated Products MAX4165 Datasheet HTML 3Page - Maxim Integrated Products MAX4165 Datasheet HTML 4Page - Maxim Integrated Products MAX4165 Datasheet HTML 5Page - Maxim Integrated Products MAX4165 Datasheet HTML 6Page - Maxim Integrated Products MAX4165 Datasheet HTML 7Page - Maxim Integrated Products MAX4165 Datasheet HTML 8Page - Maxim Integrated Products MAX4165 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
High-Output-Drive, Precision, Low-Power, Single-
Supply, Rail-to-Rail I/O Op Amps with Shutdown
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (VCC to VEE) ....................................................7V
IN_+, IN_-, SHDN_............................(VEE - 0.3V) + (VCC + 0.3V)
OUT_ (shutdown mode) ...................(VEE - 0.3V) + (VCC + 0.3V)
Output Short-Circuit Duration to VCC or VEE (Note 1)....Continuous
Continuous Power Dissipation (TA = +70°C)
5-Pin SOT23 (derate 7.10mW/°C above +70°C)...........571mW
8-Pin Plastic DIP (derate 9.09mW/°C above +70°C) ....727mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
8-Pin µMAX (derate 4.10mW/°C above +70°C) ............330mW
10-Pin µMAX (derate 5.60mW/°C above +70°C) ..........444mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C)...800mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +6.5V, VEE = 0V, VCM = 0V, VOUT = (VCC / 2), RL = 100kΩ to (VCC / 2), V SHDN ≥ 2V, TA = +25°C, unless otherwise
noted.)
| VIN+ - VIN- | > 1.8V
| VIN+ - VIN- | ≤ 1.8V
VCM = VEE to VCC
Inferred from CMRR test
CONDITIONS
2
RIN(DIFF)
Differential Input Resistance
k
500
nA
±1
±15
IOS
Input Offset Current
V
VEE - 0.25
VCC + 0.25
VCM
Common-Mode Input
Voltage Range
VSHDN < 0.8V, VOUT = 0V to VCC
AVCL = +1V/V
VOUT = 0.2V to 4.8V, RL = 100kΩ
µA
±0.001
±2
IOUT(SHDN)
Off-Leakage Current
in Shutdown
0.1
ROUT
Output Resistance
72
93
72
93
MAX416_EPA/EPD
MAX416_ESA/ESD
0.35
1.5
0.25
0.85
VCC = 5V
AVOL
Large-Signal Voltage Gain
95
120
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX416_EPA/EPD
0.25
0.85
MAX416_ESA/ESD
VCM = VEE to VCC
mV
0.35
1.7
VOS
Input Offset Voltage
MAX416_EUA/EUB
0.25
1.0
MAX416_EUK
MAX416_EUA/EUB
72
86
72
88
63
90
62
89
MAX416_EUK
MAX416_ESA/ESD
72
86
MAX416_EUA/EUB
70
88
MAX416_EUK
MAX4169E_D
VCC = 2.7V to 6.5V
PSRR
Power-Supply Rejection Ratio
dB
VOUT = 0.6V to 4.4V, RL = 25Ω
71
83
dB
Note 1: Continuous power dissipation should also be observed.
71
93
dB
VEE - 0.25V <
VCM < (VCC + 0.25V)
CMRR
Common-Mode
Rejection Ratio
72
88
MAX416_EPA/EPD
VCM = VEE to VCC
nA
±50
±150
IB
Input Bias Current
MAX4169E_D
MAX4169E_D


Similar Part No. - MAX4165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4165 MAXIM-MAX4165 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165EUK-T MAXIM-MAX4165EUK-T Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
More results

Similar Description - MAX4165

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4166ELAT MAXIM-MAX4166ELAT Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I-O Op Amps with Shutdown
Rev 3; 1/07
MAX4165 MAXIM-MAX4165_V01 Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single- Supply, Rail-to-Rail I/O Op Amps with Shutdown
2007
MAX4167ESA MAXIM-MAX4167ESA Datasheet
1Mb / 17P
   High-Output-Drive, Precision, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 1/07
MAX4330 MAXIM-MAX4330 Datasheet
176Kb / 16P
   Single/Dual/Quad, Low-Power, Single-Supply, Rail-to-Rail I/O Op Amps with Shutdown
Rev 3; 2/98
logo
ams AG
AS1710 AMSCO-AS1710_1 Datasheet
747Kb / 17P
   High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710_04 Datasheet
1Mb / 20P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
AS1710 AMSCO-AS1710 Datasheet
750Kb / 17P
   High-Output-Drive, 10MHz, 10V/關s, Rail-to-Rail I/O Op Amps with Shutdown
logo
Maxim Integrated Produc...
MAX9910 MAXIM-MAX9910_10 Datasheet
508Kb / 17P
   200kHz, 4μA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX9912EKA MAXIM-MAX9912EKA Datasheet
508Kb / 17P
   200kHz, 4uA, Rail-to-Rail I/O Op Amps with Shutdown
Rev 2; 10/10
MAX4230 MAXIM-MAX4230_11 Datasheet
859Kb / 28P
   High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
Rev 13; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com