Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4162EUK Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4162EUK
Description  SOT23, Micropower, Single-Supply, Rail-to-Rail I/O Op Amps
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4162EUK Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4162EUK Datasheet HTML 1Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 2Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 3Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 4Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 5Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 6Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 7Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 8Page - Maxim Integrated Products MAX4162EUK Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SOT23, Micropower, Single-Supply,
Rail-to-Rail I/O Op Amps
4
_______________________________________________________________________________________
0
5
10
15
20
25
30
1
2
3
4
5
6
7
8
9
10
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
10
12
14
16
18
20
22
24
26
28
-40
-20
0
20
40
60
80
100
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
VCC = 5V
VCC = 3V
-150
-130
-110
-90
-70
-50
-30
-10
10
30
50
1
2
3
4
5
6
7
8
9
10
INPUT OFFSET VOLTAGE VARIATION
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
ELECTRICAL CHARACTERISTICS: +5V Operation (continued)
(VDD = +5V, VSS = 0V, VCM = VDD / 2, VOUT = VDD / 2, RL tied to VDD / 2, TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TA = +25°C.)
f = 1kHz, VOUT = 2Vp-p, RL = 100kΩ, AV = +1V/V
%
0.02
Total Harmonic Distortion
V/ms
115
Slew Rate
VOUT = 1V to 4V step
µs
70
Settling Time to 0.1%
VDD = 0V to 5V step, VIN = VDD / 2, AV = +1V/V
µs
40
CONDITIONS
Turn-On Time
f = 1kHz
nV/
√Hz
80
Input Noise Voltage Density
pF
1.5
Input Common-Mode Capacitance
MHz
700
Internal Charge-Pump Frequency
µVp-p
100
Charge-Pump Output Feedthrough
UNITS
MIN
TYP
MAX
PARAMETER
__________________________________________Typical Operating Characteristics
(VDD = +5V, VSS = 0V, VCM = VDD / 2, TA = +25°C, unless otherwise noted.)
Note 1: Input bias current guaranteed by design, not production tested.
Note 2: The MAX4162EUK specifications are 100% tested at TA = +25°C. Limits over the extended temperature range are
guaranteed by design, not production tested.
pF
0.7
Differential Input Capacitance


Similar Part No. - MAX4162EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162EUK++ MAXIM-MAX4162EUK+ Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4162EUK++ MAXIM-MAX4162EUK+ Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4162EUK-T MAXIM-MAX4162EUK-T Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
More results

Similar Description - MAX4162EUK

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4162 MAXIM-MAX4162_09 Datasheet
304Kb / 14P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 2; 5/09
MAX4162 MAXIM-MAX4162_V01 Datasheet
2Mb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
2019
MAX4162 MAXIM-MAX4162_10 Datasheet
329Kb / 13P
   UCSP, Micropower, Single-Supply, 10V, Rail-to-Rail I/O Op Amps
Rev 3; 1/10
MAX4040 MAXIM-MAX4040 Datasheet
199Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
19-1377; Rev 0; 5/98
MAX4040 MAXIM-MAX4040_V01 Datasheet
384Kb / 16P
   Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps
2005
logo
Analog Devices
OP291 AD-OP291_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191_06 Datasheet
605Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
Rev. D
OP191 AD-OP191_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP491 AD-OP491_15 Datasheet
562Kb / 24P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
OP191 AD-OP191 Datasheet
479Kb / 20P
   Micropower Single-Supply Rail-to-Rail Input/Output Op Amps
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com