Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB1590S3 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # BTB1590S3
Description  Low VCESAT PNP Epitaxial Planar Transistor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

BTB1590S3 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  BTB1590S3 Datasheet HTML 1Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 2Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 3Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 4Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 5Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 6Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 7Page - Cystech Electonics Corp. BTB1590S3 Datasheet HTML 8Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
CYStech Electronics Corp.
Spec. No. : C313S3
Issued Date : 2015.08.28
Revised Date :
Page No. : 4/8
BTB1590S3
CYStek Product Specification
Typical Characteristics(Cont.)
Current Gain vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCE=-5V
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=10IB
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=20IB
Saturation Voltage vs Collector Current
10
100
1000
1
10
100
1000
10000
-IC, Collector Current(mA)
Ta=125°C
Ta=75°C
Ta=25°C
Ta=0°C
Ta=-40°C
VCESAT@IC=50IB
Saturation Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
-IC, Collector CurrentmA)
VBESAT@IC=10IB
Ta=-40°C
Ta=0°C
Ta=25°C
Ta=75°C
Ta=125°C
On Voltage vs Collector Current
100
1000
10000
1
10
100
1000
10000
-IC, Collector Current(mA)
VBEON@VCE=-1V
Ta=-40°C
Ta=0°C
Ta=25°C
Ta=75°C
Ta=125°C


Similar Part No. - BTB1590S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1590N3 CYSTEKEC-BTB1590N3 Datasheet
241Kb / 5P
   Low VCESAT PNP Epitaxial Planar Transistor
More results

Similar Description - BTB1590S3

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BTB1205I3 CYSTEKEC-BTB1205I3_09 Datasheet
227Kb / 6P
   Low Vcesat PNP Epitaxial Planar Transistor
BTA1952E3 CYSTEKEC-BTA1952E3 Datasheet
149Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1326I3 CYSTEKEC-BTB1326I3 Datasheet
138Kb / 4P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188AM3 CYSTEKEC-BTB1188AM3 Datasheet
252Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1188M3R CYSTEKEC-BTB1188M3R Datasheet
253Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTPA92T3 CYSTEKEC-BTPA92T3 Datasheet
311Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772D3 CYSTEKEC-BTB772D3 Datasheet
307Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB772AT3 CYSTEKEC-BTB772AT3 Datasheet
268Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1205I3 CYSTEKEC-BTB1205I3 Datasheet
157Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1184J3 CYSTEKEC-BTB1184J3 Datasheet
169Kb / 5P
   Low Vcesat PNP Epitaxial Planar Transistor
BTB1412J3 CYSTEKEC-BTB1412J3_09 Datasheet
246Kb / 7P
   Low Vcesat PNP Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com