Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HBC143EC6 Datasheet(PDF) 6 Page - Cystech Electonics Corp.

Part # HBC143EC6
Description  Dual NPN Digital Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

HBC143EC6 Datasheet(HTML) 6 Page - Cystech Electonics Corp.

  HBC143EC6 Datasheet HTML 1Page - Cystech Electonics Corp. HBC143EC6 Datasheet HTML 2Page - Cystech Electonics Corp. HBC143EC6 Datasheet HTML 3Page - Cystech Electonics Corp. HBC143EC6 Datasheet HTML 4Page - Cystech Electonics Corp. HBC143EC6 Datasheet HTML 5Page - Cystech Electonics Corp. HBC143EC6 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
CYSt
Spec. No. : C368C6
ech Electronics Corp.
Issued Date : 2014.05.09
Revised Date :
Page No. : 6/6
HBC143EC6
CYStek Product Specification
SOT-563 Dimension
Marking:
8J
Product Code
Date Code: Year+Month
Year: 6→2006, 7→2007
Month: 1→1, 2→2,‧‧‧
9→9, A→10, → , C→12
B 11
6-Lead SOT-563 Plastic
Surface Mounted Package
CYStek Package Code: C6
Style:
Pin 1. Emitter1 (E1)
Pin 2. Base1 (B1)
Pin 3. Collector2 (C2)
Pin 4. Emitter2 (E2)
Pin 5. Base2 (B2)
Pin 6. Collector1 (C1)
Inches
Millimeters
Inches
Millimeters
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.021
0.024
0.525
0.600
b
0.007
0.011
0.170
0.270
A1
0.000
0.002
0.000
0.050
E1
0.043
0.051
1.100
1.300
e
0.018
0.022
0.450
0.550
E
0.059
0.067
1.500
1.700
c
0.004
0.006
0.090
0.160
L
0.004
0.012
0.100
0.300
7° REF
7° REF
θ
D
0.059
0.067
1.500
1.700
Notes : 1.Controlling dimension : millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material :
• Lead : Pure tin plated.
• Mold Compound : Epoxy resin family, flammability solid burning class:UL94V-0.
Important Notice:
• All rights are reserved. Reproduction in whole or in part is prohibited without the prior written approval of CYStek.
• CYStek reserves the right to make changes to its products without notice.
• CYStek semiconductor products are not warranted to be suitable for use in Life-Support Applications, or systems.
• CYStek assumes no liability for any consequence of customer product design, infringement of patents, or application assistance.


Similar Part No. - HBC143EC6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
HBC143ES6R CYSTEKEC-HBC143ES6R Datasheet
181Kb / 4P
   Dual NPN Digital Transistors
More results

Similar Description - HBC143EC6

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
EMH1 JIANGSU-EMH1 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
UMH15N JIANGSU-UMH15N Datasheet
2Mb / 4P
   Dual Digital Transistors (NPNNPN)
EMH4 JIANGSU-EMH4 Datasheet
813Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMH2 JIANGSU-EMH2 Datasheet
3Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH11 JIANGSU-EMH11 Datasheet
5Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMH10 JIANGSU-EMH10 Datasheet
4Mb / 3P
   Dual Digital Transistors (NPNNPN)
EMG11 JIANGSU-EMG11 Datasheet
703Kb / 3P
   Dual Digital Transistors (NPNNPN)
EMD2 JIANGSU-EMD2 Datasheet
6Mb / 5P
   Dual Digital Transistors (NPNNPN)
EMH3 JIANGSU-EMH3 Datasheet
1Mb / 4P
   Dual Digital Transistors (NPNNPN)
logo
Shenzhen Jin Yu Semicon...
EMG8 HTSEMI-EMG8 Datasheet
655Kb / 2P
   dual digital transistors ( NPN NPN)
UMH14N HTSEMI-UMH14N Datasheet
399Kb / 1P
   dual digital transistors (NPN NPN)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com