Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4178EUK-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4178EUK-T
Description  330MHz, Gain of 1/Gain of @ Closed-Loop Buffers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4178EUK-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4178EUK-T Datasheet HTML 4Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 5Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 6Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 7Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 8Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 9Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 10Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 11Page - Maxim Integrated Products MAX4178EUK-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
__________Applications Information
Grounding, Bypassing,
and PC Board Layout
In order to obtain the MAX4178/MAX4278’s full 330MHz/
310MHz bandwidths, Micro-Strip and Stripline tech-
niques are recommended in most cases. To ensure
that the PC board does not degrade the amplifier’s per-
formance, it’s a good idea to design the board for a fre-
quency greater than 1GHz. Even with very short traces,
it’s good practice to use these techniques at critical
points, such as inputs and outputs. Whether you use a
constant-impedance board or not, observe the follow-
ing guidelines when designing the board:
• Do not use wire-wrap boards. They are too inductive.
• Do not use IC sockets. They increase parasitic
capacitance and inductance.
• In general, surface-mount components have shorter
leads and lower parasitic reactance, giving better
high-frequency performance than through-hole com-
ponents.
• The PC board should have at least two layers, with
one side a signal layer and the other a ground plane.
• Keep signal lines as short and straight as possible.
Do not make 90° turns; round all corners.
• The ground plane should be as free from voids as
possible.
On Maxim’s evaluation kit, the ground plane has been
removed from areas where keeping the trace capaci-
tance to a minimum is more important than maintaining
ground continuity.
Driving Capacitive Loads
The MAX4178/MAX4278 provide maximum AC perfor-
mance with no output load capacitance. This is the
case when the MAX4178/MAX4278 are driving a cor-
rectly terminated transmission line (e.g., a back-termi-
nated 75
Ω cable). However, the MAX4178/MAX4278
are capable of driving capacitive loads up to 100pF
without oscillations, but with reduced AC performance
Driving large capacitive loads increases the chance of
oscillations in most amplifier circuits. This is especially
true for circuits with high loop gains, such as voltage
followers. The amplifier’s output resistance and the load
capacitor combine to add a pole and excess phase to
the loop response. If the frequency of this pole is low
enough and if phase margin is degraded sufficiently,
oscillations may occur.
A second problem when driving capacitive loads
results from the amplifier’s output impedance, which
looks inductive at high frequency. This inductance
forms an L-C resonant circuit with the capacitive load,
which causes peaking in the frequency response and
degrades the amplifier’s gain margin.
The MAX4178/MAX4278 drive capacitive loads up to
100pF without oscillation. However, some peaking (in
the frequency domain) or ringing (in the time domain)
may occur. This is shown in Figures 2a and 2b and the
in the Small- and Large-Signal Pulse Response graphs
in the
Typical Operating Characteristics.
To drive larger-capacitance loads or to reduce ringing,
add an isolation resistor between the amplifier’s output
and the load, as shown in Figure 1.
The value of RISO depends on the circuit’s gain and the
capacitive load. Figures 3a and 3b show the Bode
plots that result when a 20
Ω isolation resistor is used
with a voltage follower driving a range of capacitive
loads. At the higher capacitor values, the bandwidth is
dominated by the RC network, formed by RISO and CL;
the bandwidth of the amplifier itself is much higher.
Note that adding an isolation resistor degrades gain
accuracy. The load and isolation resistor form a divider
that decreases the voltage delivered to the load.
330MHz, Gain of +1/Gain of +2
Closed-Loop Buffers
8
_______________________________________________________________________________________
MAX4178
MAX4278
VIN
RISO
VOUT
CL
RL
Figure 1. Capacitive-Load Driving Circuit


Similar Part No. - MAX4178EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX417 MAXIM-MAX417 Datasheet
581Kb / 16P
   1.2關A Max, Single/Dual/Quad, Single-Supply Op Amps
19-4739; Rev 2; 7/93
MAX417 MAXIM-MAX417 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX417 MAXIM-MAX417 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX4172 MAXIM-MAX4172 Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
MAX4172ESA MAXIM-MAX4172ESA Datasheet
95Kb / 8P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 0; 12/96
More results

Similar Description - MAX4178EUK-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4214 MAXIM-MAX4214 Datasheet
215Kb / 16P
   High-Speed, Single-Supply, Gain of @, Closed-Loop, Rail-to-Rail Buffers with Enable
Rev 0; 12/97
logo
National Semiconductor ...
LMH6580 NSC-LMH6580 Datasheet
687Kb / 24P
   8x4 500MHz Analog Crosspoint Switch, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6580 TI1-LMH6580 Datasheet
594Kb / 30P
[Old version datasheet]   8x4 500 MHz Analog Crosspoint Switch, Gain of 1,Gain of 2
logo
National Semiconductor ...
LMH6582 NSC-LMH6582 Datasheet
538Kb / 8P
   16x8 500 MHz Analog Crosspoint Switch, Gain of 1/Gain of 2
LMH6584 NSC-LMH6584 Datasheet
492Kb / 20P
   32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Texas Instruments
LMH6584 TI1-LMH6584_14 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
LMH6584 TI1-LMH6584 Datasheet
2Mb / 32P
[Old version datasheet]   LMH6584/LMH6585 32x16 400 MHz Analog Crosspoint Switches, Gain of 1, Gain of 2
logo
Intersil Corporation
EL4451 INTERSIL-EL4451 Datasheet
186Kb / 10P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
Elantec Semiconductor
EL4451C ELANTEC-EL4451C Datasheet
302Kb / 12P
   Wideband Variable-Gain Amplifier, Gain of 2
logo
M.S. Kennedy Corporatio...
MSK450 MSK-MSK450_15 Datasheet
344Kb / 5P
   Wide Bandwidth - 65MHz at Gain of -1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com